Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250LPV100 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # SCF5250LPV100
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250LPV100 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button SCF5250LPV100 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 29Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 30Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 31Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 32Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 33Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 34Page - Freescale Semiconductor, Inc SCF5250LPV100 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
31
Figure 8 provides the I2C-bus input and output timing diagram and Table 26 and Table 27 provide the
I2C-bus input and output timing parameters.
Figure 8. I2C-Bus Input/Output Timing Definition Diagram
Table 26. I2C-Bus Input Timing Specifications Between SCL and SDA
Num
Characteristic
Min
Max
Units
M1
Start Condition Hold Time
2
–
bus clocks
M2
Clock Low Period
8
–
bus clocks
M3
SCL/SDA Rise Time (VIL= 0.5 V to VIH = 2.4 V)
–
1
mSec
M4
Data Hold Time
0
–
ns
M5
SCL/SDA Fall Time (VIH= 2.4 V to VIL = 0.5 V)
–
1
ms
M6
Clock High time
4
–
bus clocks
M7
Data Setup Time
0
–
ns
M8
Start Condition Setup Time (for repeated start condition only)
2
–
bus clocks
M9
Stop Condition Setup Time
2
–
bus clocks
Table 27. I2C-Bus Output Timing Specifications Between SCL and SDA
Num
Characteristic
Min
Max
Units
M11
1 Output numbers are dependent on the value programmed into the MFDR; an MFDR programmed with the maximum frequency (MFDR =
0x20) will result in minimum output timings as shown. The MBUS interface is designed to scale the actual data transition time to move it to
the middle of the SCL low period. The actual position is affected by the prescale and division values programmed into the MFDR; however,
numbers given are the minimum values.
Start Condition Hold Time
6
–
bus clocks
M21
Clock Low Period
10
–
bus clocks
M32
2 Since SCL and SDA are open-collector-type outputs, which the processor can only actively drive low, the time required for SCL or SDA to
reach a high level depends on external signal capacitance and pull-up resistor values.
SCL/SDA Rise Time (VIL= 0.5 V to VIH = 2.4 V)
note 2
note 2
mSec
M41
Data Hold Time
7
–
bus clocks
M53
3 Specified at a nominal 20 pF load.
SCL/SDA Fall Time (VIH= 2.4 V to VIL = 0.5 V)
–3
ns
M61
Clock High time
10
–
bus clocks
M71
Data Setup Time
2
–
bus clocks
M81
Start Condition Setup Time (for repeated start condition only)
20
–
bus clocks
M91
Stop Condition Setup Time
10
–
bus clocks
M2
M6
M1
M4
M7
M8
M9
M5
M3
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com