Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THL3WI Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # THL3WI
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THL3WI Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  THL3WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THL3WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THL3WI Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Jenatschstrasse 1 · CH-8002 Zurich · Switzerland
Tel. +41 43 311 45 11 · Fax +41 43 311 45 45 · info@traco.ch · www.tracopower.com
Page 3 of 3
DC/DC Converters
THL 3WI(SM) Series 3 Watt
Outline Dimensions
Pin
Single
Dual
1
–Vin (GND)
–Vin (GND)
2
Remote On/Off
Remote On/Off
7
ntc.
ntc.
8
ntc.
Common
9
+Vout
+Vout
10
–Vout
–Vout
16
+Vin (Vcc)
+Vin (Vcc)
Pin-Out
Rev. 08/12
Specifications can be changed any time without notice.
Dimensions in [mm], () = Inch
Tolerances: ±0.25 (±0.01)
Pin pich tolerances: ±0.13 (±0.005)
Pysical Specifications
Casing material
non-conductive plastic (UL94V-0 rated)
Package weight
DIP models: 5.4 g (0.19 oz)
SMD models: 4.2 g (0.14 oz)
Environmental compliance
– Reach
regulation EC 1907/2006
– RoHS
directive 2011/65/EU
Soldering profile for DIP-package models
max. 265°C / 10 sec. (wave soldering)
Lead-free reflow solder process for SMD-package models
as per J-STD-020D.01 (to find at:
www.jedec.org - free registration required)
Moisture sensivity level (for SMD-package models)
level 2a as per J-STD-033B.01 (to find at:
www.jedec.org - free registration required)
Packaging
www.tracopower.com/products/thl3wism-pack.pdf
DIP-Models
SMD-Models
ntc. = not to connect
1.77
10.16
13.7
4.1
0.5
8.0
(0.4)
(0.07)
(0.54)
(0.16)
(0.02)
(0.31)
1
2
7
8
16
10
9
0.25
(0.01)
8.0 (0.31)
18.1 (0.71)
13.7 (0.54)
Application note: www.tracopower.com/products/thl3wi-application.pdf
www.tracopower.com/products/thl3wism-application.pdf



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com