Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THL3WI Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THL3WI
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THL3WI Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THL3WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THL3WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THL3WI Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converters
THL 3WI(SM) Series, 3 Watt
Features
◆
Compact design in SMD or DIP package
◆
Ultra wide 4:1 input voltage range
◆
Fully regulated outputs
◆
I/O isolation 1500 VDC
◆
SMD version qualfied for leadfree re
flow solder process, MSL 2a
◆
Operating temp. range –40°C to +85°C
◆
Short circuit protection
◆
Remote On/Off control
◆
Input filter to meet EN 55022, class A
without external components
◆
3-year product warranty
The THL 3WI(SM) series is a family of compact 3 W dc/dc-converters with 4:1 input
voltage ranges. The product is available in SMD- or DIP-package. The internal filter
which meets EN55022 Class A without external components makes the converter
easy to design in.
They come with remote On/Off and short circuit protection. THL 3WI(SM) converter
is an excellent solution for data- and telecom applications and for instrumentation
and Industrial electronics.
Order code
DIP models
Order code
SMD models
Input voltage range
Output voltage
Output current
max.
Efficiency typ.
THL 3-2410WI
THL 3-2410WISM
3.3 VDC
600 mA
75 %
THL 3-2411WI
THL 3-2411WISM
5.0 VDC
600 mA
78 %
THL 3-2412WI
THL 3-2412WISM
12 VDC
250 mA
80 %
THL 3-2413WI
THL 3-2413WISM
9 – 36 VDC
15 VDC
200 mA
80 %
THL 3-2415WI
THL 3-2415WISM
(24 VDC nominal)
24 VDC
125 mA
80 %
THL 3-2421WI
THL 3-2421WISM
±5 VDC
±300 mA
77 %
THL 3-2422WI
THL 3-2422WISM
±12 VDC
±125 mA
80 %
THL 3-2423WI
THL 3-2423WISM
±15 VDC
±100 mA
80 %
THL 3-4810WI
THL 3-4810WISM
3.3 VDC
600 mA
75 %
THL 3-4811WI
THL 3-4811WISM
5.0 VDC
600 mA
78 %
THL 3-4812WI
THL 3-4812WISM
12 VDC
250 mA
80 %
THL 3-4813WI
THL 3-4813WISM
18 – 75 VDC
15 VDC
200 mA
80 %
THL 3-4815WI
THL 3-4815WISM
(48 VDC nominal)
24 VDC
125 mA
80 %
THL 3-4821WI
THL 3-4821WISM
±5 VDC
±300 mA
77 %
THL 3-4822WI
THL 3-4822WISM
±12 VDC
±125 mA
80 %
THL 3-4823WI
THL 3-4823WISM
±15 VDC
±100 mA
80 %
Models
C B
Scheme
IEC 60950-1
226037


Similar Part No. - THL3WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL3WI TRACOPOWER-THL3WI Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
logo
Touchstone Semiconducto...
THL3WISM TOUCHSTONE-THL3WISM Datasheet
302Kb / 3P
DC/DC Converters
logo
TRACO Electronic AG
THL3WISM TRACOPOWER-THL3WISM Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
More results

Similar Description - THL3WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com