Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A905 Datasheet(PDF) 2 Page - API Delevan

Part # A905
Description  Dual Channel, 20Mhz Oscilloscope with True RMS DMM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

A905 Datasheet(HTML) 2 Page - API Delevan

  A905 Datasheet HTML 1Page - API Delevan A905 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FAQ
Dual Channel, 20Mhz Oscilloscope
with True RMS DMM
Specifications and Frequently Asked Questions
Included
Two Test Leads, two Banana to BNC Adapters, one DC-60 MHz X1 X10
Passive Oscilloscope Probe, Power Supply and Instruction Manual
Industrial motor control View start-up in rush currents, waveform symmetry,
SCR trigger pulses, variable frequency drive signals, pulse width modulation,
noise, misc. AC/DC speed control signals.
Power quality Noise on industrial feeds, AC voltage waveshape, current wave-
forms, machine start-up/power quality interference and noise.
Programmable logic controls PLC input and output signals, control signals,
signal conditioning circuits, communications lines and power supplies.
NC machines Power quality, sensor outputs, control circuits, safety circuits,
calibration and adjustments.
Uninterruptable power supplies Sensing and monitoring circuits, switching
circuits, output waveforms and current waveforms.
Audio Public address feeds, amplifiers, mixers and preamps.
Video Horizontal and vertical scan rates, z-axis blanking, sync pulses
and luminance.
Industrial lighting controls SCR and other solid state designs.
Factory automation Robot control signals, machine vision, machine control
and sensing circuits, calibration of positioning systems, analog controllers and
servo controls.
Line conditioners Noise and quality.
Voltage regulators Noise and stability.
Inverters Waveform quality.
APPLICATIONS
CERTIFICATION OF CALIBRATION,
CERTIFICATE OF COMPLIANCE
For details and related fees,
call 800-368-5719.
Pressure Adapter
A620
Measure up to 500 PSI.
Temperature Adapter
A301
Measure -40° to 500° F.
For K-type thermo-
couple probes, refer
to pages 18-19.
Clamp-on Adapters
A251
Measure up to 400
AC amps.
Clamp-on Adapter
A256
Measure up to 400
AC/DC amps.
Clamp-on Adapter
A296
Measure up to 2,000
AC/DC amps.
PC Software &
RS232 Cable
A404
Download data and
waveforms from the
460 to any PC using
Microsoft
® Windows®.
Surface Mount
Test Clips
Multicolored clips
to access 0.3 pitch
leads. See page 26.
High Voltage Probe
HV15HFA
Measure accurately
up to 15KV DC.
See page 11.
Low Current Adapter
A254
Measure below one
amp AC/DC.
Current Shunt Adapter
A130
Extend amp range to
30 amps.
Protective Boot
A405
Guard against
inevitable impacts.
Unique rear cut-out
design allows deploy-
ment of 460’s rear
tilt stand.
Soft Zipper Case
A905
Protect and organize
your 460.
OPTIONAL ACCESSORIES
VERTICAL
Bandwidth
20 MHz w/SP60B 10:1 Probe
10 MHz w/Shielded Test Leads
Sample Rate
Real Time
25 Megasamples per Second up to 2 MHz
Equivalent Time
500 Megasamples per Second > 2 MHz
Sensitivity
50mV TO 200V/div 1,2,5 Sequence
Coupling
AC, DC, GND
Resolution
8 bits
Accuracy
± (3% + 0.05 range/div)
HORIZONTAL
Modes
Single, Normal, Auto
Samples per Division
25
Accuracy
Equivalent Time: ± (0.5% + 0.08 time/div)
Real Time:
± (0.1% + 0.04 time/div)
TRIGGER
Source
Internal
Modes
Free Run, Normal
Sensitivity
Equivalent Time: 3 divisions or more
Real Time:
2 divisions or more
TREND MODE
Plot Time
30 sec/div to 1 hour/div
Plot Data Type
Max/Min Selectable
Memory
2 Screens
TRUE RMS DMM
DCV (CH1, CH2)
400mV, 4, 40, 400, 600V
Basic Accuracy:
± (0.5% + 5 digits)
ACV (CH1, CH2)
400mV, 4, 40, 400, 600V
Basic Accuracy:
± (1% + 10 digits)
Frequency (CH1, CH2)
1 Hz to 20 MHz
Basic Accuracy:
± (0.5% + 5 digits)
Ohm (CH1 only)
400, 4k, 40k, 400k, 4M, 20M
Basic Accuracy:
± (0.5% + 5 digits)
Continuity (CH1 only)
Sounds < 0.1k ohm, ± (2% + 5 digits)
SPECIFICATIONS
Why do you need a 20 MHz oscilloscope?
To measure signals and voltage anomalies, and to
look for glitches that may damage or even shut
down electronic machinery. View sine waves on
power supplies, motors, and bead board circuitry.
Pinpoint certain glitches on the sine wave to zero in
on the problem and monitor changing patterns or
distortion in electrical currents.
What are the different waveform patterns
displayed on your handheld oscilloscopes?
An AC waveform known as sine wave displays
voltage against time in the shape of a sine curve.
The saw tooth waveform displays a ramped angle
and a sharp downward return to its earlier value.
(Its display pattern resembles the cutting edge of
a saw.) A square waveform graphically plots a
series of vertical square shapes repeated with
spacing between peaks.
Why is it important to have Trend Mode?
Trend Mode is great for monitoring sudden
intermittents caused by loose connections, dirt,
or damaged wires. By setting the minimum and
maximum parameters, you can monitor, even
record the changes.
What is the purpose of triggering?
Simply zoom in on certain parts of the sine wave
and “hold” to measure and monitor that particular
part you are reading. A must have when searching
for glitches and distortion on all measurements.
International Version: 220V 50/60Hz AC/DC adapter is included when specifying model no. 460X.
OPTIONAL ACCESSORIES
60 MHz Oscilloscope Probe
Three monolithic inter-
changeable probes in 60,
100, and 250 MHz band-
width. See page 25.
Technicians appreciate the bright backlight of
the 3" x 3" cold cathode flourescent display
and rugged construction inside and out.
Cursor Readout
cULus
20 MHz Bandwidth
Capture signals from AC/DC drive motors, sensors,
actuators, line and control voltages, UPS and
industrial machines.
Cursor Readout
Allows you to measure the width and amplitude of the signal and
display it on the screen instead of trying to figure it out manually.
Decibels
Allows you to accurately measure sound signals.
Pre and Post Triggering
View the waveform before and after the point the scope triggers
at to find glitches and other anomalies with the signal.
Trend Mode
Graph readings over a predetermined time period to check for
surges or dropouts.
Dual Input
View two waveforms on the display for comparison and trou-
bleshooting.
True RMS DMM
Measure AC/DC volts up to 600V, frequency to 20 MHz,
and resistance to 20 Meg ohm. True RMS allows you to obtain
accurate measurements of non-sinusoidal AC voltage and cur-
rent waveforms found in controls and circuits.
Real Time Sample Rate
Capture spikes and dropouts of industrial signals with
real time sampling of 25 megasamples per second.
Bright LCD Backlight
Adjust brightness levels for clarity under any light condition.
Optically Isolated RS232 Output
Transfer data safely without a direct connection to your
computer’s circuitry.
Continuous Autoset
Feature automatically determines the correct vertical
and horizontal settings for optimum waveform viewing. Autoset
provides hands free operation while moving between test points.
FEATURES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com