Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A905 Datasheet(PDF) 1 Page - API Delevan

Part # A905
Description  Dual Channel, 20Mhz Oscilloscope with True RMS DMM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

A905 Datasheet(HTML) 1 Page - API Delevan

  A905 Datasheet HTML 1Page - API Delevan A905 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Channel, 20MHz
O
scilloscope with
True RMS DMM.
Technicians appreciate the bright
backlight of the 3" x 3" cold cathode
flourescent display and rugged
construction inside and out.
New with the 460
• Cursor Readout
• Decibels
• Pre and Post Triggering
• cULus 3111
460 Handheld Oscilloscope
Your Tools at Work
The
Value
Leader ™
Optional Accessories
Protective Boot
A403
Protect against impact
and wear.
Hanging Boot Hook
A103
Work hands free with
the 440’s protective
boot and hook.
PC Software &
RS232 Cable
A402
Download data and
waveforms from the
460 to any PC using
Microsoft Windows.
Soft Zipper Case
A900
Keep your 440, AC/DC
charger, test leads and
optional accessories
at the ready. Moveable
partitions and adjust-
able shoulder strap.
Clamp-on Adapters
A251
Measure up to 400 AC
amps.
A256
Measure up to 400
AC/DC amps.
A296
Measure up to 2,000
AC/DC amps.
Low Current Adapter
A254
Measures from 10mA
to 60 amps AC/DC.
Current Shunt Adapter
A130
Allows any DMM with
AC/DC millivolt range
to measure up to
30 amps.
Temperature Adapter
A301
Measure -40º to
500º F.
For K-type
thermocouple probes.
Fused Test Leads
FTLK1
Reduce your risk of
electrical shocks
and/or instrument
damage.
High Voltage Probe
HV40C
Measure up to 40 KV
DC.
Test Lead Kits
w/Silicone Insulation
TLS2000B
Shuttered plug
TLS2000RB
Right angle plug
Pressure Adapter
A620
Measure up to 500 PSI.
A630
Measure up to 10,000
PSI.
Cigarette Lighter
DC Adapter
A408
Charge the 440 while
on the road or in
remote locations.
Power Quality
Variable
Speed Drives
Industrial
Motor Controls
Battery Testing
Programmable
Logic Controls
NC/CNC
Machines
Uninterruptable
Power
Supplies
Audio
Video
Industrial
Lighting
Controls
Factory
Automation
Line
Conditioners
Voltage
Regulators
Inverters
Gaming
Industry
TPI 460
Applications
See page two
for technical
information.
To learn about the entire TPI product line visit www.tpi-thevalueleader.com
TPI offers a
complete
line of…
Handheld
Oscilloscopes
Digital
Multimeters
Digital Clamp-on
Meters
Gas Detection
Instruments
Combustion
Analyzers
Refrigeration
Leak Detectors
Digital
Manometers
Contact and
Infrared
Temperature
Instruments
Oscilloscope
Probes
Surface Mount
Test Clips
BNC-BNC
Molded Coax
Cables
F-series Cables
Full Line of
Accessories
Test Products International, Inc.
Headquarters:
9615 SW Allen Blvd.
Beaverton, OR 97005
USA
503-520-9197
Fax: 503-520-1225
e-mail: info@tpi-thevalueleader.com
Test Products International, Ltd.
342 Bronte St. South Unit #9
Milton, Ontario L9T 5B7
Canada
905-693-8558
Fax: 905-693-0888
e-mail: info@tpicanada.com
Test Products International UK, Ltd.
Longley House, East Park
Crawley, West Sussex
RH10 6AP
England
+44 (0)1293 561212
Fax: +44 (0) 1293 813465
e-mail: info@tpi-uk.com
L TAW 460 0704
Copyright © 2004 Test Products International, Inc.
All pricing subject to changes without notice.
Distributed By:
A403
A103
TLS200ORB
460 FEATURES
20 MHz Bandwidth
Capture signals from AC/DC drive motors,
sensors, actuators, line and control voltages,
UPS and industrial machines.
Cursor Readout
Measure the width and amplitude of the signal
and display it on the screen instead of trying to
figure it out manually.
Decibels
Accurately measure sound signals.
Pre and Post Triggering
View the waveform before and after the point the
scope triggers at to find glitches and other
anomalies with the signal.
Trend Mode
Graph readings over a predetermined time
period to check for surges or dropouts.
Dual Input
View two waveforms on the display for
comparison and troubleshooting.
True RMS DMM
Measure AC/DC volts up to 600V, frequency to
20 MHz, and resistance to 20 Meg ohm. Obtain
accurate measurements of non-sinusoidal AC
voltage and current waveforms found in controls
and circuits with True RMS.
Screen Size
Backlight LCD
Bandwidth
Cursor Readout
Resolution
True RMS
Charger
Banana to BNC Adapters (2)
DC-60 MHz x1x10 Probe
76mm x 76mm (3” x 3”) 72mm x 72mm (2.8” x 2.8”)
cold cathode flourescent
cold cathode flourescent
20MHz
20MHz
8 bit
8 bit
yes
yes
yes
yes
yes
no
yes
yes
COMPARE
TPI 460
Fluke 123
INCLUDED
Two Test Leads, two Banana to
BNC Adapters, one DC-60 MHz x 1 x 10 Passive
Oscilloscope Probe, Power Supply and Instruction
Manual
Real Time Sample Rate
Capture spikes and dropouts of industrial signals with real time
sampling of 25 megasamples per second.
Bright LCD Backlight
Adjust brightness levels for clarity in any light condition.
Optically Isolated RS232 Output
Transfer data safely without a direct connection to your
computer’s circuitry.
Continuous Autoset
Feature automatically determines the correct vertical and
horizontal settings for optimum waveform viewing. Autoset
provides hands free operation while moving between test points.
Test Products Intl. • www.tpi-thevalueleader.com
The above information is provided to the best of TPI’s knowledge and is not guaranteed.
The above information is subject to change at any time.
yes
no


Similar Part No. - A905

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
A900152 TURCK-A900152 Datasheet
1Mb / 3P
Actuator and Sensor Cordset – Connection Cable
07/03/2023
A900152 TURCK-A900152 Datasheet
1Mb / 3P
Actuator and Sensor Cordset – Extension Cable
07/03/2023
A900152 TURCK-A900152 Datasheet
1Mb / 3P
Actuator and Sensor Cordset – Connection Cable
07/03/2023
A900152 TURCK-A900152 Datasheet
1Mb / 3P
Actuator and Sensor Cordset – Connection Cable
07/03/2023
A900152 TURCK-A900152 Datasheet
1Mb / 3P
Actuator and Sensor Cordset – Connection Cable
07/03/2023
More results

Similar Description - A905

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380900 EXTECH-380900 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
MS420 EXTECH-MS420 Datasheet
288Kb / 1P
20MHz 2-Channel Digital Oscilloscope
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
True-rms Electrical True-rms Contractor Multimeter
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
True RMS MultiMeters
MS420 EXTECH-MS420_15 Datasheet
271Kb / 1P
20MHz 2-Channel Digital Oscilloscope
logo
List of Unclassifed Man...
2712 ETC2-2712 Datasheet
1Mb / 2P
True RMS AC DC Tool KitR DMM
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
True-rms Multimeter
logo
B&K Precision Corporati...
2709B BK-2709B Datasheet
1Mb / 2P
Auto Ranging True RMS Tool Kit DMM
logo
Good Will Instrument Co...
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
GOS-635G GWINSTEK-GOS-635G Datasheet
286Kb / 1P
35MHz/20MHz ANALOG OSCILLOSCOPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com