Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TML Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TML
Description  AC/DC Power Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TML Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TML Datasheet HTML 1Page - Touchstone Semiconductor Inc TML Datasheet HTML 2Page - Touchstone Semiconductor Inc TML Datasheet HTML 3Page - Touchstone Semiconductor Inc TML Datasheet HTML 4Page - Touchstone Semiconductor Inc TML Datasheet HTML 5Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
AC/DC Power Modules
TML Series
20 & 40 Watt
TML 40 models
for PCB mount:
TML 40C models
for chassis mount:
Weight : 280 g (9.9 oz)
Pin diameter ø 1.2 mm (0.047)
Weight : 325 g (11.5 oz)
Dimensions in[mm], () = Inches
Tolerances = 0.5mm (0.02)
Rev. February 14. 2014
Outline Dimensions
nc = not to connect
Pinout / Connection
Pin/
con.
Single
output
Dual sym.
output
Dual asym.
output
Triple
output
1
no pin / nc
2
AC in (L)
3
AC in (N)
4
+Vout 1
Vout 1
+Vout 2
Vout 2
5
no pin / nc no pin / nc
+Vout 1
+Vout 1
6
–Vout 1
com. 1/2
–Vout 2
com. 2/3
7
no pin / nc no pin / nc
–Vout 1
–Vout 1
8
nc
Vout 2
no pin / nc
Vout 3
Bottom view
3.85
81.3
89.0
(3.20)
(3.50)
(0.15)
3
2
8
7
5
4
6
25.0
6.0
(0.98)
(0.24)
6
6.0
100.0
112.0
(3.94)
(4.41)
(0.24)
4 x ø3.5
(4 x ø0.14)
1
2
3
5
4
8
7
Top view



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com