Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TML Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TML
Description  AC/DC Power Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TML Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TML Datasheet HTML 1Page - Touchstone Semiconductor Inc TML Datasheet HTML 2Page - Touchstone Semiconductor Inc TML Datasheet HTML 3Page - Touchstone Semiconductor Inc TML Datasheet HTML 4Page - Touchstone Semiconductor Inc TML Datasheet HTML 5Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.tracopower.com
Page 1 of 5
AC/DC Power Modules
TML Series, 20 & 40 Watt
The TML series are ultra compact AC/DC power supplies in a fully encapsulated
plastic case. They feature versions with screw terminals for easy installation or
with solder pins for direct PCB mounting. International safety approvals qualify
this product for worldwide markets. The TML series AC/DC modules offer an
interesting solution for many space critical applications in commercial and indus-
trial electronic equipment.
Features
◆
Encapsulated power supplies with
increased power density
◆
Replaces TML 15 and TML 30 series
◆
PCB mount or chassis mount with
screw terminals
◆
Single, dual and triple output models
◆
Universal input 90–264 VAC, 47–440 Hz
◆
EMI meets EN 55022, class B and
FCC, level B
◆
Protection class ll for TML 40 models
◆
Short circuit and overload protection
◆
3-year product warranty
Order code
Output
power
max.
Output 1
Output 2
Output 3
PCB mount
Chassis mount
TML 20103
TML 20103C
14.9 W
3.3 VDC/4500 mA
TML 20105
TML 20105C
5.0 VDC/4000 mA
TML 20112
TML 20112C
12 VDC/1670 mA
TML 20115
TML 20115C
15 VDC/1340 mA
TML 20124
TML 20124C
20 W
24 VDC/840 mA
TML 20205
TML 20205C
+5.0 VDC/2000 mA
–5.0 VDC/2000 mA
TML 20212
TML 20212C
+12 VDC/833 mA
–12 VDC/833 mA
TML 20215
TML 20215C
+15 VDC/667 mA
–15 VDC/667 mA
TML 20512
TML 20512C
5 VDC/2800 mA
+12 VDC/250 mA
–12 VDC/250 mA
TML 20515
TML 20515C
5 VDC/2800 mA
+15 VDC/200 mA
–15 VDC/200 mA
20 Watt Models
UL 60950-1
LVD
Also see:
TMLM Series, 4 to 20 Watt
highest power density, PCB mount.
www.tracopower.com/products/tmlm.pdf
Referance datasheet for primary TML models, see:
www.tracopower.com/products/tml-primary.pdf
(not recommended for new design in)
C B
Scheme


Similar Part No. - TML

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TML-05105 TRACOPOWER-TML-05105 Datasheet
226Kb / 6P
TML Series, 5to
Rev. March 23. 2016
TML-05112 TRACOPOWER-TML-05112 Datasheet
226Kb / 6P
TML Series, 5to
Rev. March 23. 2016
TML-05115 TRACOPOWER-TML-05115 Datasheet
226Kb / 6P
TML Series, 5to
Rev. March 23. 2016
TML-05124 TRACOPOWER-TML-05124 Datasheet
226Kb / 6P
TML Series, 5to
Rev. March 23. 2016
TML-05205 TRACOPOWER-TML-05205 Datasheet
226Kb / 6P
TML Series, 5to
Rev. March 23. 2016
More results

Similar Description - TML

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70-IDC5G GRAYHILL-70-IDC5G Datasheet
118Kb / 2P
AC/DC Input Modules
logo
Tumbler Technologies + ...
TEC4 TRUMPOWER-TEC4 Datasheet
1Mb / 4P
AC/DC Power Modules
TEC8 TRUMPOWER-TEC8 Datasheet
99Kb / 2P
8 Watts AC/DC Power Modules
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
TEM40 TRUMPOWER-TEM40 Datasheet
96Kb / 2P
40 Watts AC/DC Medical Power Modules
TES3 TRUMPOWER-TES3 Datasheet
188Kb / 2P
3 Watts AC/DC Power Modules
logo
Astrodyne Corporation
SMV-500 ASTRODYNE-SMV-500 Datasheet
1Mb / 13P
500 Watt, High Efficiency, AC/DC Power Modules
logo
Keysight Technologies
N6755A KEYSIGHT-N6755A Datasheet
1Mb / 57P
DC Power Modules
logo
Tumbler Technologies + ...
TEC4 TRUMPOWER-TEC4_15 Datasheet
1Mb / 4P
AC/DC Power Modules
logo
ETA-USA
EPX380SX ETA-USA-EPX380SX Datasheet
379Kb / 4P
600 WATT AC-DC POWER FACTOR CORRECTION MODULES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com