Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S80ASE Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S80ASE
Description  Variable Resolution, Monolithic Resolver-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S80ASE Datasheet(HTML) 1 Page - Analog Devices

  AD2S80ASE Datasheet HTML 1Page - Analog Devices AD2S80ASE Datasheet HTML 2Page - Analog Devices AD2S80ASE Datasheet HTML 3Page - Analog Devices AD2S80ASE Datasheet HTML 4Page - Analog Devices AD2S80ASE Datasheet HTML 5Page - Analog Devices AD2S80ASE Datasheet HTML 6Page - Analog Devices AD2S80ASE Datasheet HTML 7Page - Analog Devices AD2S80ASE Datasheet HTML 8Page - Analog Devices AD2S80ASE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Variable Resolution, Monolithic
Resolver-to-Digital Converter
AD2S80A
FEATURES
Monolithic (BiMOS ll) Tracking R/D Converter
40-Lead DIP Package
44-Terminal LCC Package
10-,12-,14-, and 16-Bit Resolution Set by User
Ratiometric Conversion
Low Power Consumption: 300 mW Typ
Dynamic Performance Set by User
High Max Tracking Rate 1040 RPS (10 Bits)
Velocity Output
Industrial Temperature Range Versions
Military Temperature Range Versions
ESD Class 2 Protection (2,000 V Min)
/883 B Parts Available
APPLICATIONS
DC Brushless and AC Motor Control
Process Control
Numerical Control of Machine Tools
Robotics
Axis Control
Military Servo Control
GENERAL DESCRIPTION
The AD2S80A is a monolithic 10-, 12-, 14-, or 16-bit tracking
resolver-to-digital converter contained in a 40-lead DIP or 44-
terminal LCC ceramic package. It is manufactured on a BiMOS
II process that combines the advantages of CMOS logic and
bipolar high accuracy linear circuits on the same chip.
The converter allows users to select their own resolution and dynamic
performance with external components. This allows the users great
flexibility in defining the converter that best suits their system
requirements. The converter allows users to select the resolution
to be 10, 12, 14, or 16 bits and to track resolver signals rotating
at up to 1040 revs per second (62,400 rpm) when set to 10-bit
resolution.
The AD2S80A converts resolver format input signals into a
parallel natural binary digital word using a ratiometric tracking
conversion method. This ensures high-noise immunity and toler-
ance of lead length when the converter is remote from the resolver.
The 10-, 12-, 14- or 16-bit output word is in a three-state digital
logic available in 2 bytes on the 16 output data lines. BYTE
SELECT,
ENABLE and INHIBIT pins ensure easy data trans-
fer to 8- and 16-bit data buses, and outputs are provided to
allow for cycle or pitch counting in external counters.
An analog signal proportional to velocity is also available and
can be used to replace a tachogenerator.
The AD2S80A operates over 50 Hz to 20,000 Hz reference
frequency.
FUNCTIONAL BLOCK DIAGRAM
AD2S80A
A3
A1
A2
OUTPUT DATA LATCH
SIN I/P
SIG GND
COS I/P
ANALOG
GND
RIPPLE
CLK
+12V
–12V
DATA
LOAD
16 DATA BITS
INTEGRATOR
O/P
VCO I/P
SEGMENT
SWITCHING
R-2R
DAC
16-BIT UP/DOWN COUNTER
VCO DATA
TRANSFER
LOGIC
PHASE
SENSITIVE
DETECTOR
PRODUCT HIGHLIGHTS
Monolithic. A one chip solution reduces the package size
required and increases the reliability.
Resolution Set by User. Two control pins are used to select
the resolution of the AD2S80A to be 10, 12, 14, or 16 bits allowing
the user to use the AD2S80A with the optimum resolution for
each application.
Ratiometric Tracking Conversion. Conversion technique
provides continuous output position data without conversion
delay and is insensitive to absolute signal levels. It also provides
good noise immunity and tolerance to harmonic distortion on
the reference and input signals.
Dynamic Performance Set by the User. By selecting exter-
nal resistor and capacitor values the user can determine bandwidth,
maximum tracking rate and velocity scaling of the converter to
match the system requirements. The external components
required are all low cost preferred value resistors and capacitors,
and the component values are easy to select using the simple
instructions given.
Velocity Output. An analog signal proportional to velocity is
available and is linear to typically one percent. This can be used
in place of a velocity transducer in many applications to provide
loop stabilization in servo controls and velocity feedback data.
Low Power Consumption. Typically only 300 mW.
Military Product. The AD2S80A is available processed in
accordance with MIL-STD-883B, Class B.
MODELS AVAILABLE
Information on the models available is given in the section
“Ordering Information.”
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - AD2S80ASE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S80ASE AD-AD2S80ASE Datasheet
268Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV.A
AD2S80ASE AD-AD2S80ASE Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80ASE AD-AD2S80ASE Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S80ASE AD-AD2S80ASE Datasheet
173Kb / 16P
Variable Resolution, Monolithic esolver-to-Digital Converter
REV. B
AD2S80ASE/883B AD-AD2S80ASE/883B Datasheet
268Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV.A
More results

Similar Description - AD2S80ASE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S80A AD-AD2S80A Datasheet
268Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV.A
AD2S83 AD-AD2S83 Datasheet
176Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV.D
AD2S80A AD-AD2S80A_00 Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S83APZ AD-AD2S83APZ Datasheet
188Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S82AHPZ AD-AD2S82AHPZ Datasheet
188Kb / 16P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. B
AD2S83IPZ AD-AD2S83IPZ Datasheet
172Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S80A AD-AD2S80A_15 Datasheet
356Kb / 20P
Variable Resolution, Monolithic Resolver-to-Digital Converter
REV. C
AD2S83 AD-AD2S83_15 Datasheet
188Kb / 19P
Variable Resolution, Resolver-to-Digital Converter
REV. E
AD2S80A AD-AD2S80A_17 Datasheet
447Kb / 19P
Variable Resolution, Monolithic Resolver-to-Digital Converter
23-Feb-2017
AD2S83 AD-AD2S83_17 Datasheet
220Kb / 20P
Variable Resolution, Resolver-to-Digital Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com