Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADDI7004 Datasheet(PDF) 1 Page - Analog Devices

Part # ADDI7004
Description  Quad-Channel, HD Image Signal Processor with Precision Timing Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7004 Datasheet(HTML) 1 Page - Analog Devices

  ADDI7004 Datasheet HTML 1Page - Analog Devices ADDI7004 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quad-Channel, HD Image Signal Processor
with Precision Timing Core
Data Sheet
ADDI7004
Rev. SpD
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Support for CCD and CMOS image sensors
4 AFE channels
1.8 V analog and digital core supply voltage
Serial data output with reduced range LVDS outputs
Differential analog inputs
CDS or SHA configuration (CDS bypass) with
−3 dB, 0 dB, +3 dB, and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
14-bit, 72 MHz analog-to-digital converter (ADC)
Black level clamp with variable level control
Precision Timing core with 220 ps resolution @ 72 MHz
APPLICATIONS
Digital video cameras
Digital still cameras
Medical Imaging
High speed industrial cameras
GENERAL DESCRIPTION
The ADDI7004 is a highly integrated, quad-channel, HD image
signal processor for high speed imaging applications. Each channel
is specified at pixel rates of up to 72 MHz and consists of a complete
analog front end (AFE) with ADC conversion. The Precision
Timing™ core allows adjustment of the correlated double sampler
(CDS) and sample-and-hold amplifier (SHA) clocks with 220 ps
resolution at 72 MHz operation. The ADDI7004 also contains
a reduced range low voltage differential signaling (LVDS) inter-
face for the dual-channel data outputs.
Each analog front end includes black level clamping, a CDS/SHA,
a VGA, and a 72 MHz, 14-bit analog-to-digital converter (ADC).
Operation is programmed using a 3-wire serial interface.
Packaged in a space-saving, 6 mm × 6 mm, 76-ball BGA, the
ADDI7004 is specified over an operating temperature range of
−40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
DOUT0P
DOUT0N
DOUT1P
DOUT1N
DOUT2P
DOUT2N
DOUT3P
DOUT3N
TCLK0P
TCLK0N
TCLK1P
TCLK1N
DOUT4P
DOUT4N
DOUT5P
DOUT5N
DOUT6P
DOUT6N
DOUT7P
DOUT7N
INP_B
INM_B
INP_C
INM_C
INP_D
SHP
SHD
CLPOB
PBLK
DCR
INM_D
AFE2
AFE3
AFE4
INP_A
INM_A
–3dB, 0dB, +3dB, +6dB
CDS/
SHA
VGA
6dB ~ 42dB
CLAMP
VREF
ADC
AFE1
REDUCED
RANGE
LVDS
INTERFACE
VD
HD
SDATA
SCK
CLI
RSTB
SL
Precision
Timing
CORE
SYNC
GENERATOR
INTERNAL CLOCKS
INTERNAL
REGISTERS
ADDI7004
NOTES
1. THE CIRCUITRY FOR AFE1 TO AFE4 IS IDENTICAL.
Figure 1.
For more information on the ADDI7004, email Analog Devices, Inc., at afe.ccd@analog.com.


Similar Part No. - ADDI7004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADDI7004 AD-ADDI7004 Datasheet
69Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpA
ADDI7004 AD-ADDI7004 Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
ADDI7004 AD-ADDI7004 Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
ADDI7004 AD-ADDI7004 Datasheet
72Kb / 2P
Quad-Channel, HD Image Signal Processor
ADDI7004BBBCZRL AD-ADDI7004BBBCZRL Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
More results

Similar Description - ADDI7004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
713Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
11/04-Data Sheet Changed from Rev. A to Rev. B
AD9978A AD-AD9978A Datasheet
65Kb / 2P
Dual-Channel, 14-Bit HD Image Signal Processor with Precision Timing Core
Rev. Sp0
ADDI7004 AD-ADDI7004 Datasheet
69Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpA
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
ADDI7004BBBCZRL AD-ADDI7004BBBCZRL Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
ADDI7004BBBCZRL AD-ADDI7004BBBCZRL Datasheet
63Kb / 2P
Quad-Channel, HD Image Signal Processor with Precision Timing Core
Rev. SpD
ADDI7013 AD-ADDI7013 Datasheet
67Kb / 2P
Dual-Channel CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
ADDI7004 AD-ADDI7004_14 Datasheet
72Kb / 2P
Quad-Channel, HD Image Signal Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com