Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4069 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 4069
Description  12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

4069 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  4069 Datasheet HTML 1Page - Compensated Deuices Incorporated 4069 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
• 12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES + 5%
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• EFFECTIVE TEMPERATURE COEFFICIENTS OF 0.005%/°C AND 0.002%/°C
• HERMETICALLY SEALED, METALLURGICALLY BONDED, DOUBLE
PLUG SUBASSEMBLIES ENCAPSULATED IN A PLASTIC CASE
1N4057
thru
1N4085A
FIGURE 1
DESIGN DATA
CASE: Non-conductive epoxy
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin/Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive with
respect to the opposite end.
MOUNTING POSITION: ANY.
JEDEC
NOMINAL
MAXIMUM
EFFECTIVE
MAXIMUM
TYPE
ZENER
TEST
ZENER
TEMPERATURE
MILLIVOLT
TEMPERATURE
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
COEFFICIENT
CHANGE
RANGE
CASE
(Note 1)
(Note 2)
(Note 3)
VOLTS
mA
OHMS
%/°C
mV
°C
1N4057
12.4
10
25
.005
95
-55 to 100°C
8
1N4057A
12.4
10
25
.002
37.5
-55 to 100°C
8
1N4058
12.6
10
30
.005
112
-55 to 100°C
8
1N4058A
12.6
10
30
.002
45
-55 to 100°C
8
1N4059
16.8
10
30
.005
130
-55 to 100°C
8
1N4059A
16.8
10
30
.002
52.5
-55 to 100°C
8
1N4060
18.5
10
30
.005
142
-55 to 100°C
8
1N4060A
18.5
10
30
.002
57
-55 to 100°C
8
1N4061
21
10
35
.005
163
-55 to 100°C
8
1N4061A
21
10
35
.002
65
-55 to 100°C
8
1N4062
23
10
40
.005
178
-55 to 100°C
8
1N4062A
23
10
40
.002
71
-55 to 100°C
8
1N4063
27
10
45
.005
209
-55 to 100°C
8
1N4063A
27
10
45
.002
83
-55 to 100°C
8
1N4064
30
10
50
.005
232
-55 to 100°C
8
1N4064A
30
10
50
.002
93
-55 to 100°C
8
1N4065
33
10
55
.005
255
-55 to 100°C
8
1N4065A
33
10
55
002
102
-55 to 100°C
8
1N4066
37
7.5
80
.005
287
-55 to 100°C
8
1N4066A
37
7.5
80
.002
111
-55 to 100°C
8
1N4067
43
7.5
90
.005
333
-55 to 100°C
8
1N4067A
43
7.5
90
.002
133
-55 to 100°C
8
1N4068
47
7.5
100
.005
364
-55 to 100°C
8
1N4068A
47
7.5
100
.002
142
-55 to 100°C
8
1N4069
51
7.5
110
.005
395
-55 to 100°C
9
1N4069A
51
7.5
110
.002
158
-55 to 100°C
9
1N4070
56
7.5
120
.005
435
-55 to 100°C
9
1N4070A
56
7.5
120
.002
174
-55 to 100°C
9
1N4071
62
7.5
135
.005
480
-55 to 100°C
9
1N4071A
62
7.5
135
.002
192
-55 to 100°C
9
1N4072
68
5.0
230
.005
528
-55 to 100°C
9
1N4072A
68
5.0
230
.002
211
-55 to 100°C
9
1N4073
75
5.0
250
.005
582
-55 to 100°C
9
1N4073A
75
5.0
250
.002
234
-55 to 100°C
9
1N4074
82
5.0
270
.005
637
-55 to 100°C
9
1N4074A
82
5.0
270
.002
253
-55 to 100°C
9
1N4075
87
5.0
290
.005
675
-55 to 100°C
9
1N4075A
87
5.0
290
.002
270
-55 to 100°C
9
1N4076
91
5.0
310
.005
707
-55 to 100°C
9
1N4076A
91
5.0
310
.002
282
-55 to 100°C
9
1N4077
100
5.0
340
.005
775
-55 to 100°C
9
1N4077A
100
5.0
340
.002
310
-55 to 100°C
9
1N4078
105
2.5
700
.005
815
-55 to 100°C
9
1N4078A
105
2.5
700
.002
325
-55 to 100°C
9
1N4079
110
2.5
740
.005
850
-55 to 100°C
9
1N4079A
110
2.5
740
.002
340
-55 to 100°C
9
1N4080
120
2.5
800
.005
930
-55 to 100°C
9
1N4080A
120
2.5
800
.002
372
-55 to 100°C
9
1N4081
130
2.5
840
.005
1000
-55 to 100°C
10
1N4081A
130
2.5
840
.002
404
-55 to 100°C
10
1N4082
140
2.5
960
.005
1000
-55 to 100°C
10
1N4082A
140
2.5
960
.002
432
-55 to 100°C
10
1N4083
150
2.5
1020
.005
1160
-55 to 100°C
10
1N4083A
150
2.5
1020
.002
464
-55 to 100°C
10
1N4084
175
2.5
1150
.005
1360
-55 to 100°C
10
1N4084A
175
2.5
1150
.002
540
-55 to 100°C
10
1N4085
200
2.5
1350
.005
1550
-55 to 100°C
10
1N4085A
200
2.5
1350
.002
620
-55 to 100°C
10
* JEDEC Registered Data
POLARITY
BAND
(CATHODE)
0.250
± 0.010
6.350
± 0.254
0.030
± 0.034
0.762
± 0.864
1.00
25.40
MIN.
1.00
25.40
MIN.
0.750
± 0.030
19.050
± 0.762
1.00
25.40
MIN.
0.250
± 0.010
6.350
± 0.254
POLARITY
BAND
(CATHODE)
0.030/0.034
0.762/0.864
DIA.
POLARITY
BAND
(CATHODE)
All dimensions in INCH
mm
0.030/0.034
0.762/0.864
DIA.
1.00
25.40
MIN.
1.125
± 0.030
28.575
± 0.762
0.313
± 0.010
7.950
± 0.254
Case 8
Case 9
Case 10


Similar Part No. - 4069

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
4069 MICROSEMI-4069 Datasheet
78Kb / 2P
HIGH VOLTAGE TEMPERATURE COMPENSATED ZENER DIODES
logo
New Jersey Semi-Conduct...
4069 NJSEMI-4069 Datasheet
378Kb / 1P
HIGH VOLTAGE DIODES
logo
Heyco.
4069 HEYCO-4069 Datasheet
108Kb / 1P
Shorty Snap Rivets
logo
Adafruit Industries
4069 ADAFRUIT-4069 Datasheet
255Kb / 2P
3.5mm Stereo Male/Male Cables - Black Metal - 1 meter long
1-8-19
logo
Abbatron All Rights Res...
4069A-4069Q ABBATRON-4069A-4069Q Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 4069

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
6.4 VOLT NOMINAL ZENER VOLTAGE 5%
1N4765 CDI-DIODE-1N4765 Datasheet
112Kb / 2P
9.1 VOLT NOMINAL ZENER VOLTAGE 5%
1N4775 CDI-DIODE-1N4775 Datasheet
71Kb / 2P
8.5 VOLT NOMINAL ZENER VOLTAGE 5%
1N4916 CDI-DIODE-1N4916 Datasheet
77Kb / 2P
19.2 VOLT NOMINAL ZENER VOLTAGE 5%
1N935 CDI-DIODE-1N935 Datasheet
107Kb / 2P
9.0 VOLT NOMINAL ZENER VOLTAGE
1N941 CDI-DIODE-1N941 Datasheet
112Kb / 2P
11.7 VOLT NOMINAL ZENER VOLTAGE
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
8.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD935 CDI-DIODE-CD935 Datasheet
167Kb / 2P
9.0 VOLT NOMINAL ZENER VOLTAGE 5%
CDLL4765 CDI-DIODE-CDLL4765 Datasheet
111Kb / 2P
9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
New Jersey Semi-Conduct...
1N4896A NJSEMI-1N4896A Datasheet
84Kb / 1P
12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com