Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-1.0-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2139ACBZ-1.0-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-1.0-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2139ACBZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP2138/ADP2139
Data Sheet
Rev. C | Page 8 of 20
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
350
300
250
200
150
100
50
0
–40°C
+25°C
+125°C
Figure 15. RDSON PFET vs. Input Voltage, Across Temperature
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
250
200
150
100
50
0
–40°C
+25°C
+125°C
Figure 16. RDSON NFET vs. Input Voltage, Across Temperature
T
4
4
1
1
2
M 40.0µs A CH2
215mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
250mA Ω
SW
VOUT
IOUT
Figure 17. Response to Load Transient, 150 mA to 500 mA,
VOUT = 1.8 V, PWM Mode
T
4
4
1
1
2
M 40.0µs A CH2
215mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
250mA Ω
SW
VOUT
IOUT
Figure 18. Response to Load Transient, 50 mA to 500 mA,
VOUT = 1.8 V, Automatic Mode
T
4
4
1
1
2
M 40.0µs A CH2
215mA
T 26.00%
CH1 100mV
CH4 5.00V
CH2
250mA Ω
SW
VOUT
IOUT
Figure 19. Response to Load Transient, 150 mA to 500 mA,
VOUT = 0.8 V, PWM Mode
CH1 100mV
CH4 5.00V
CH2 100mA Ω
M 40.0µs A CH2
134mA
1
4
T 26.00%
T
1
4
2
SW
VOUT
IOUT
Figure 20. Response to Load Transient, 50 mA to 200 mA, VOUT = 0.8 V,
Automatic Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com