Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-1.0-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2139ACBZ-1.0-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-1.0-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2139ACBZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Compact, 800 mA, 3 MHz,
Step-Down DC-to-DC Converter
Data Sheet
ADP2138/ADP2139
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage: 2.3 V to 5.5 V
Peak efficiency: 95%
3 MHz fixed frequency operation
Typical quiescent current: 24 μA
Very small solution size
6-lead, 1 mm × 1.5 mm WLCSP package
Fast load and line transient response
100% duty cycle low dropout mode
Internal synchronous rectifier, compensation, and soft start
Current overload and thermal shutdown protections
Ultralow shutdown current: 0.2 μA (typical)
Forced PWM and automatic PWM/PSM modes
Supported by ADIsimPower™ design tool
APPLICATIONS
PDAs and palmtop computers
Wireless handsets
Digital audio, portable media players
Digital cameras, GPS navigation units
GENERAL DESCRIPTION
The ADP2138 and ADP2139 are high efficiency, low quiescent
current, synchronous step-down dc-to-dc converters. The
ADP2139 has the additional feature of an internal discharge
switch. The total solution requires only three tiny external
components. When the MODE pin is set high, the buck
regulator operates in forced PWM mode, which provides low
peak-to-peak ripple for power supply noise sensitive loads at
the expense of light load efficiency. When the MODE pin is set
low, the buck regulator automatically switches operating modes,
depending on the load current level. At higher output loads, the
buck regulator operates in PWM mode. When the load current
falls below a predefined threshold, the regulator operates in power
save mode (PSM), improving light load efficiency.
The ADP2138/ADP2139 operate on input voltages of 2.3 V to
5.5 V, which allows for single lithium or lithium polymer cell,
multiple alkaline or NiMH cell, PCMCIA, USB, and other
standard power sources. The maximum load current of 800 mA
is achievable across the input voltage range.
The ADP2138/ADP2139 are available in fixed output voltages of
3.3 V, 3.0 V, 2.8 V, 2.5 V, 1.8 V, 1.5 V, 1.2 V, 1.0 V, and 0.8 V. All
versions include an internal power switch and synchronous rect-
ifier for minimal external part count and high efficiency. The
ADP2138/ADP2139 have internal soft start and they are internally
compensated. During logic controlled shutdown, the input is
disconnected from the output and the ADP2138/ADP2139
draw 0.2 μA (typical) from the input source.
Other key features include undervoltage lockout to prevent deep
battery discharge, and soft start to prevent input current over-
shoot at startup. The ADP2138/ADP2139 are available in a 6-ball
wafer level chip scale package (WLCSP).
TYPICAL APPLICATIONS CIRCUIT
ON
OFF
FORCE
PWM
AUTO
VIN
SW
EN
MODE
GND
VOUT
ADP2138/
ADP2139
4.7µF
4.7µF
2.3V TO 5.5V
VOUT
1.0µH
Figure 1.


Similar Part No. - ADP2139ACBZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2139 AD-ADP2139 Datasheet
520Kb / 16P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results

Similar Description - ADP2139ACBZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
logo
Analog Devices
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
Texas Instruments
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
LM3673 TI-LM3673_15 Datasheet
4Mb / 28P
2-MHz, 350-mA Step-Down DC-DC Converter
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com