Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-1.5-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2139ACBZ-1.5-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-1.5-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2139ACBZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP2139ACBZ-1.5-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP2138/ADP2139
Rev. C | Page 15 of 20
EVALUATION BOARD
VIN
TB1
TB3
TB4
TB2
TB6
T5
2
2
1
6
1
3
4
5
EN
VIN
VOUT
GND OUT
GND IN
EN
MODE
VIN
GND
SW
EN
MODE
VOUT
COUT
4.7µF
CIN
4.7µF
L1
1µH
U1
Figure 36. Evaluation Board Schematic
EVALUATION BOARD LAYOUT
Figure 37. Top Layer
Figure 38. Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com