Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-1.8-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2139ACBZ-1.8-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-1.8-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2139ACBZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP2138/ADP2139
Data Sheet
Rev. C | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6 V, TA = 25°C, VEN = VIN, unless otherwise noted.
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 2.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
Figure 3. Efficiency vs. Load Current, Across Input Voltage,
VOUT = 1.8 V, PSM Mode
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 2.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
Figure 4. Efficiency vs. Load Current, Across Input Voltage,
VOUT = 1.8 V, PWM Mode
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 2.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
Figure 5. Efficiency vs. Load Current, Across Input Voltage,
VOUT = 0.8 V, PSM Mode
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 2.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.5V
Figure 6. Efficiency vs. Load Current, Across Input Voltage,
VOUT = 0.8 V, PWM Mode
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 3.9V
VIN = 4.2V
VIN = 5.5V
Figure 7. Efficiency vs. Load Current, Across Input Voltage,
VOUT = 3.3 V, PSM Mode
100
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
VIN = 3.9V
VIN = 4.2V
VIN = 5.5V
Figure 8. Efficiency vs. Load Current, Across Input Voltage,
VOUT = 3.3 V, PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com