Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2139ACBZ-1.8-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2139ACBZ-1.8-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-1.8-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2139ACBZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP2139ACBZ-1.8-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP2138/ADP2139
Data Sheet
Rev. C | Page 14 of 20
6
5
4
3
2
1
0
0
1
2
3
4
5
6
DC BIAS VOLTAGE (V)
Figure 35. Typical Capacitor Performance
The peak-to-peak output voltage ripple for the selected output
capacitor and inductor values is calculated using the following
equation:
(
)
OUT
SW
IN
RIPPLE
C
L
f
V
V
×
×
×
×
=
2
OUT
SW
RIPPLE
C
f
I
×
×
=
8
Capacitors with lower equivalent series resistance (ESR) are
preferred to guarantee low output voltage ripple, as shown in
the following equation:
RIPPLE
RIPPLE
COUT
I
V
ESR
The effective capacitance needed for stability, which includes
temperature and dc bias effects, is 3 µF.
Table 7. Suggested 4.7 μF Capacitors
Vendor
Type
Model
Case
Size
Voltage
Rating (V)
Murata
X5R
GRM188R60J475
0603
6.3
Taiyo Yuden
X5R
JMK107BJ475
0603
6.3
Coilcraft
TDK
X5R
C1608X5R0J475
0603
6.3
Input Capacitor
Higher value input capacitors help to reduce the input voltage
ripple and improve transient response. Maximum input
capacitor current is calculated using the following equation:
IN
OUT
IN
OUT
MAX
LOAD
CIN
V
V
V
V
I
I
)
(
)
(
To minimize supply noise, place the input capacitor as close to
the VIN pin of the ADP2138/ADP2139 as possible. As with the
output capacitor, a low ESR capacitor is recommended. The list
of recommended capacitors is shown in Table 8.
Table 8. Suggested 4.7 μF Capacitors
Vendor
Type
Model
Case
Size
Voltage
Rating (V)
Murata
X5R
GRM188R60J475
0603
6.3
Taiyo Yuden
X5R
JMK107BJ475
0603
6.3
Coilcraft
TDK
X5R
C1608X5R0J475
0603
6.3
THERMAL CONSIDERATIONS
Because of the high efficiency of the ADP2138/ADP2139, only a
small amount of power is dissipated inside the ADP2138/ADP2139
package, which reduces thermal constraints.
However, in applications with maximum loads at high ambient
temperature, low supply voltage, and high duty cycle, the heat
dissipated in the package is great enough that it may cause the
junction temperature of the die to exceed the maximum junc-
tion temperature of 125°C. If the junction temperature exceeds
150°C, the converter enters thermal shutdown. It recovers when
the junction temperature falls below 130°C.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to power dissipation, as shown in the following
equation:
TJ = TA + TR
where:
TJ is the junction temperature.
TA is the ambient temperature.
TR is the rise in temperature of the package due to power
dissipation.
The rise in temperature of the package is directly proportional
to the power dissipation in the package. The proportionality
constant for this relationship is the thermal resistance from the
junction of the die to the ambient temperature, as shown in the
following equation:
TR = θJA × PD
where:
TR is the rise in temperature of the package.
θJA is the thermal resistance from the junction of the die to the
ambient temperature of the package.
PD is the power dissipation in the package.
PCB LAYOUT GUIDELINES
Poor layout can affect ADP2138/ADP2139 performance, causing
EMI and electromagnetic compatibility problems, ground
bounce, and voltage losses. Poor layout can also affect regulation
and stability. To implement a good layout, use the following rules:
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies, and large tracks act as antennas.
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
Maximize the size of ground metal on the component side
to help with thermal dissipation.
Use a ground plane with several vias connecting to the com-
ponent side ground to further reduce noise interference on
sensitive circuit nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com