Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F040A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F040A
Description  4-megabit (512K x 8) 5-volt Only Flash Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F040A Datasheet HTML 1Page - ATMEL Corporation AT49F040A Datasheet HTML 2Page - ATMEL Corporation AT49F040A Datasheet HTML 3Page - ATMEL Corporation AT49F040A Datasheet HTML 4Page - ATMEL Corporation AT49F040A Datasheet HTML 5Page - ATMEL Corporation AT49F040A Datasheet HTML 6Page - ATMEL Corporation AT49F040A Datasheet HTML 7Page - ATMEL Corporation AT49F040A Datasheet HTML 8Page - ATMEL Corporation AT49F040A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
3359C–FLASH–3/05
AT49F040A
2.
Pin Configurations
2.1
32-lead PLCC Top View
2.2
32-lead TSOP (Type 1) Top View (8 x 20 mm)
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE
VCC
A18
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com