Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49F040A Datasheet (PDF) - ATMEL Corporation

AT49F040A Datasheet PDF - ATMEL Corporation
Part # AT49F040A
Download  AT49F040A Download
File Size   284.37 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit (512K x 8) 5-volt Only Flash Memory

AT49F040A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F040A Datasheet PDF - ATMEL Corporation

Part # AT49F040A
Download  AT49F040A Click to download

File Size   284.37 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-megabit (512K x 8) 5-volt Only Flash Memory

AT49F040A Datasheet (HTML) - ATMEL Corporation


AT49F040A Product details

Description
The AT49F040A is a 5-volt only in-system reprogrammable Flash memory. Its 4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 55 ns with power dissipation of just 165 mW over the commercial temperature range.

Features
• Single-voltage Operation
   – 5V Read
   – 5V Reprogramming
• Fast Read Access Time – 55 ns
• Internal Program Control and Timer
• Sector Architecture
   – One 16K Bytes Boot Block with Programming Lockout
   – Two 8K Bytes Parameter Blocks
   – Eight Main Memory Blocks (One 32K Bytes, Seven 64K Bytes)
• Fast Erase Cycle Time – 6 Seconds
• Byte-by-Byte Programming – 20 µs/Byte Typical
• Hardware Data Protection
• DATA Polling for End of Program Detection
• Low Power Dissipation
   – 30 mA Active Current
   – 70 µA CMOS Standby Current
• Typical 10,000 Write Cycles
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT49F040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-55JI ATMEL-AT49F040A-55JI Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-55TI ATMEL-AT49F040A-55TI Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JI ATMEL-AT49F040A-70JI Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70TI ATMEL-AT49F040A-70TI Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
More results


Similar Description - AT49F040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com