Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL1632-R013-F-T1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PRL1632-R013-F-T1
Description  Low resistance chip resistors (long side terminal type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRL1632-R013-F-T1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PRL1632-R013-F-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRL1632-R013-F-T1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 Complete Product Catalogue Thin Film Product
Low resistance chip resistors (long side terminal type)
This series includes(some of) former PRL/RL series
Electrical characteristics
The distinctive structure that encourages heat dissipation and radiation limits
the rise of the surface temperature, allows the realization of smaller sizes, and
reduces influence of heat on surrounding components. Low ESL contributes
to less noise. This product also withstands temperature cycles very well.
Dimensions
PCs, power sources, inverters, automotive electronics, adaptors and
industrial machining equipment.
Series name
PRL0816
PRL1220
PRL1632
PRL3264
Power
1/3W
2/3W
1W
2W
E series offered
E-24
E-24
1mΩstep(7m〜10mΩ)
E-24
1mΩstep(5m〜10mΩ)
E-24
1mΩstep(3m〜10mΩ)
Initial resistance value(Ω) 0.01〜
0.039
0.043〜
0.1
0.007〜
0.009
0.01〜
0.043
0.047〜
0.1
0.005〜
0.009
0.01〜0.1 0.003〜
0.004
0.005〜
0.009
0.010〜
0.043
0.047〜0.1
Resistance
tolerance
(%)
±0.5%(D)
±1.0%(F)
±2.0%(G)
±5.0%(J)
Temperature coefficient of
resistance
(ppm/℃)
15mΩ or less 0〜350ppm/℃
18m〜27mΩ 0〜200ppm/℃
33m〜68mΩ ±100ppm/℃
75m〜100mΩ ±50ppm/℃
7m〜9mΩ 0〜350ppm/℃
10m〜18mΩ 0〜200ppm/℃
20m〜51mΩ ±100ppm/℃
56m〜100mΩ ±50ppm/℃
9mΩ or less 0〜350ppm/℃
10m〜18mΩ 0〜200ppm/℃
20m〜51mΩ ±100ppm/℃
56m〜100mΩ ±50ppm/℃
Maximum voltage
(P・R)
Operating temperature
−55℃〜125℃
Packaging 5,000pcs
W
L
A
T
B
Features
Applications
Specifications
*All made to order.
unit:mm
Dimension
(mm)
PRL0816
(0603)
PRL1220
(0805)
PRL1632
(1206)
PRL3264
(2512)
RL3720W
(0815)
RL7520W
(0830)
L
1.6±0.2
2.0±0.2
3.2±0.2
6.4±0.2
3.75±0.30
7.50±0.30
W
0.8±0.2
1.25±0.2
1.6±0.2
3.2±0.2
2.00±0.20
2.00±0.20
A
0.40±0.20
0.40±0.20
B
0.2±0.1
0.35±0.15
0.45±0.15
0.9±0.15
0.40+0.20
0.40±0.20
T
0.4±0.1
0.5±0.1
0.5±0.1
0.5±0.1
0.5±0.2
0.5±0.2
Series name
RL3720W
RL7520W
power
1W
2W
E series offered
E-24
1mΩstep(1m〜10mΩ)
E-24
1mΩstep(1m〜10mΩ)
Initial resistance value(Ω) 0.001〜0.004 0.005〜0.009 0.010〜0.091
0.1〜1.0
0.001〜0.004 0.005〜0.009 0.010〜0.091
0.1〜0.47
Resistance
tolerance(%)
±1.0%(F)
±2.0%(G)
±5.0%(J)
Temperature
coefficient of
resistance
(ppm/℃)
0~ +50(Q)
0~ +100(R)
0~ +200(S)
0~ +350(T)
0~ +420(T)
0~ +800(T)
Maximum voltage
(P・R)
Operating temperature
−55℃〜125℃
Packaging 4,000pcs


Similar Part No. - PRL1632-R013-F-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRL1632-R010-D-T5 ETC-PRL1632-R010-D-T5 Datasheet
454Kb / 2P
Low resistance chip resistors (long-side terminal)
logo
Susumu Co., Ltd.
PRL1632-R010-D-T5 SUSUMU-PRL1632-R010-D-T5 Datasheet
276Kb / 2P
Low resistance chip resistors (long-side terminal)
logo
List of Unclassifed Man...
PRL1632-R010-F-T5 ETC-PRL1632-R010-F-T5 Datasheet
454Kb / 2P
Low resistance chip resistors (long-side terminal)
PRL1632-R012-F-T5. ETC-PRL1632-R012-F-T5. Datasheet
454Kb / 2P
Low resistance chip resistors (long-side terminal)
More results

Similar Description - PRL1632-R013-F-T1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-1TRQFR91U PANASONIC-ERJ-1TRQFR91U Datasheet
110Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ-3RQFR47V PANASONIC-ERJ-3RQFR47V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
ERJ3BWFR020V PANASONIC-ERJ3BWFR020V Datasheet
129Kb / 4P
Thick Film Chip Resistors/ Low Resistance Type
logo
List of Unclassifed Man...
RL1220S-R12-F ETC-RL1220S-R12-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
logo
Panasonic Semiconductor
ERJ-3BQF1R5V PANASONIC-ERJ-3BQF1R5V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
logo
List of Unclassifed Man...
RL1220T ETC2-RL1220T Datasheet
503Kb / 1P
Low resistance chip resistors (short-side terminals type)
RL3720T-R018 ETC2-RL3720T-R018 Datasheet
294Kb / 2P
Low resistance chip resistors (long side terminal type)
RL1632R-2R00-F ETC2-RL1632R-2R00-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
RL1220S-1R5-F ETC2-RL1220S-1R5-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com