Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL1632-R013-F-T1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRL1632-R013-F-T1
Description  Low resistance chip resistors (long side terminal type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRL1632-R013-F-T1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRL1632-R013-F-T1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRL1632-R013-F-T1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4
Components
100
50
0
−55
0
30
150
125
Ambient temperature ℃
RL7520W
Power derating characteristics
ESL
Power derating curve
100
50
0
Ambient temperature ℃
−55
0
70
125
The high power type land pattern and
surface temperature
0
0
20
40
60
80
100
120
160
180
200
220
5
10
15
20
25
RL3720W(Power rating1W)
W(mm)
1W applied
0.75W applied
0.5W applied
W
Chip resistors
Land area(S)=W・L
L
(27mm)
Land pattern
0
0
20
40
60
80
100
120
160
180
200
220
5
10
15
20
25
RL7520W(Power rating2W)
W(mm)
2W applied
1W applied
0.5W applied
W
Chip resistors
Land pattern
Land area(S)=W・L
L
(27mm)
0
0
50
100
150
200
250
300
10
20
30
RL3720W(Power rating0.5W)
L(mm)
0.5W applied
0.25W applied
W
(4.15mm)
Chip resistors
L
Land pattern
0
0
50
100
150
200
250
300
10
20
30
RL7520W(Power rating1W)
L(mm)
1W applied
0.75W applied
0.5W applied
0.25W applied
W
(7.9mm)
Chip resistors
L
Land pattern
Resistance to power pulse
200
150
50
100
0
0.001
0.01
0.1
1
10
Pulse duration(seconds)
RL7520W-R10
RL3264-R050
RL7520-R10
RL3720-R075
RL1632-R050
RL1220-R10
Test procedure
Voltage pulse is applied to the test
samples mounted on the test board.
After each pulse, resistance drift
is measured. Pulse voltage is
increased until the drift exceeds
+/-0.5%. The power at that voltage
is defined as the maximum pulse
power.
Surface temperature data
0.1
0
1
2
3
4
5
6
1
10
100
Frequency/MHz
group1:Distance between the two electrodes6.4mm(RL-3264)
group2:Distance between the two electrodes3.2mm(RL1632)
group3:Distance between the two electrodes1.6∼2.0mm(RL3720W)
group4:Distance between the two electrodes1.25mm(KRL2012)
Short side
terminal type
Long side
terminal type
These high-power low resistance chip resistors are designed to dissipate heat efficiently
through the land patterns on circuit boards. The actual temperature of the surface of
the resistor is dependent upon the dimensions and the shape of the land patterns.
RL3720W(Power rating1W)
RL7520W(Power rating2W)
RL3720W(Power rating0.5W)
RL7520W(Power rating1W)
※Low ESL controls the noise.
Part numbering system
PRL
T R10
Packaging:T5(5000pcs)
Resistance tolerance
Resistance value
Temperature coefficient of resistance
Size
Series code
1220
F
-
-
RL
T R10
3720W
F
(T5)
-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com