Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC100ATIP Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # DC100ATIP
Description  Armoire pour serveur en acier robuste
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DC100ATIP Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  DC100ATIP Datasheet HTML 1Page - Hammond Manufacturing Ltd. DC100ATIP Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
roulettes encastrées.
Les rails sont réglables en continu en profondeur.
Tiges de mise à la terre sur le cadre, les panneaux latéraux, le toit et
les portes.
Revêtement en poudre texturé noir.
Capacité de charge recommandée de 2000 lb.
Conforme à la directive RoHS.
Fabriqué en Amérique du Nord.
Accessoires
DC100
Part No.
Overall Dimensions
Rack
Mounting Depth
Shipping
Side Panels
Height
Width
Depth
Units
Height
Width
Depth
Weight
Part No.
DC1004224
49.10
24.00
45.81
24U
42.00
19.00
38.69
262
Included
DC1004242
80.60
24.00
45.81
42U
73.50
19.00
38.69
368
DC100SP4242
DC100 Specific Accessories
Part No.
Description
DC100SP4242
DC100 42U Locking Side Panel Kit (includes 2 x panels)
DC10042RA IL
EXTRA pair of square-hole, vertical mounting rails 42U high
DC10024RA IL
EXTRA pair of square-hole, vertical mounting rails 24U high
DC100A D42
DC100 42U Air Dam Kit
DC100A D24
DC100 24U Air Dam Kit
DC100RHINGE
DC100 Right Hand Door Hinge
DC100ATIP
DC100 Stabilizer / Anti-tip Bracket
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com