Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH127NP-331M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH127NP-331M
Description  POWER INDUCTORS SMD Type: CDRH Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127NP-331M Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH127NP-331M Datasheet HTML 1Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 2Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 3Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH127 , CDRH127/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/4
◆
◆
◆
◆
Specification(CDRH127)
Part Name
※
Stamp
Inductance
(
μH)
D.C.R.(
Ω)
Max.(Typ.)
(at 20
℃)
Rated current
(
A)※1
Measuring
frequency
CDRH127NP-1R2N
□
1R2
+40%
1.2
-20%
7.0m(5.2m)
9.80
CDRH127NP-2R4N
□
2R4
+ 40%
2.4
- 20%
11.5m(8.5m)
8.00
CDRH127NP-3R5N
□
3R5
+40%
3.5
-20%
13.5m(10.0m)
7.50
CDRH127NP-4R7N
□
4R7
+40%
4.7
-20%
15.8m(11.7m)
6.80
CDRH127NP-6R1N
□
6R1
+40%
6.1
-20%
17.6m(13.0m)
6.60
CDRH127NP-7R6N
□
7R6
+40%
7.6
-20%
20.0m(15.0m)
5.90
at
100 kHz
CDRH127NP-100M
□
100
10
±20%
21.6m(16.0m)
5.40
CDRH127NP-120M
□
120
12
±20%
24.3m(18.0m)
4.90
CDRH127NP-150M
□
150
15
±20%
27.0m(20.0m)
4.50
CDRH127NP-180M
□
180
18
±20%
39.2m(29.0m)
3.90
CDRH127NP-220M
□
220
22
±20%
43.2m(32.0m)
3.60
CDRH127NP-270M
□
270
27
±20%
45.9m(34.0m)
3.40
CDRH127NP-330M
□
330
33
±20%
64.8m(48.0m)
3.00
CDRH127NP-390M
□
390
39
±20%
72.9m(54.0m)
2.75
CDRH127NP-470M
□
470
47
±20%
0.10 (76.0m)
2.50
CDRH127NP-560M
□
560
56
±20%
0.11 (83.0m)
2.35
CDRH127NP-680M
□
680
68
±20%
0.14 (0.10)
2.10
CDRH127NP-820M
□
820
82
±20%
0.16 (0.12)
1.95
CDRH127NP-101M
□
101
100
±20%
0.22 (0.17)
1.70
CDRH127NP-121M
□
121
120
±20%
0.25 (0.18)
1.60
CDRH127NP-151M
□
151
150
±20%
0.28 (0.21)
1.42
CDRH127NP-181M
□
181
180
±20%
0.35 (0.26)
1.30
CDRH127NP-221M
□
221
220
±20%
0.39 (0.29)
1.16
CDRH127NP-271M
□
271
270
±20%
0.56 (0.42)
1.06
CDRH127NP-331M
□
331
330
±20%
0.64 (0.47)
0.95
CDRH127NP-391M
□
391
390
±20%
0.70 (0.52)
0.88
CDRH127NP-471M
□
471
470
±20%
0.98 (0.73)
0.79
CDRH127NP-561M
□
561
560
±20%
1.07 (0.79)
0.73
CDRH127NP-681M
□
681
680
±20%
1.46 (1.12)
0.67
CDRH127NP-821M
□
821
820
±20%
1.64 (1.26)
0.60
CDRH127NP-102M
□
102
1000
±20%
1.82 (1.40)
0.55
at
1 kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com