Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH127NP-331M Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH127NP-331M
Description  POWER INDUCTORS SMD Type: CDRH Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127NP-331M Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH127NP-331M Datasheet HTML 1Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 2Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 3Page - Sumida Corporation CDRH127NP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH127 , CDRH127/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/4
※
※
※
※
Description of part name
CDRH127/LDNP-1R0N
□
※1. Rated current: The DC current at which the inductance decreases to 75% of it's nominal value
or when
△t=40℃, whichever is lower(Ta=20℃).
B
Box
C
Carrier Tape



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com