Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF50 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CMF50
Description  Metal Film Resistors, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF50 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CMF50 Datasheet HTML 1Page - Bourns Electronic Solutions CMF50 Datasheet HTML 2Page - Bourns Electronic Solutions CMF50 Datasheet HTML 3Page - Bourns Electronic Solutions CMF50 Datasheet HTML 4Page - Bourns Electronic Solutions CMF50 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 09-Sep-13
3
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEMPERATURE COEFFICIENT CODES
GLOBAL TC CODE
HISTORICAL TC CODE
TEMPERATURE COEFFICIENT
E
T-9
25 ppm/°C
H
T-2
50 ppm/°C
K
T-1
100 ppm/°C
L
T-0
150 ppm/°C
N
T-00
200 ppm/°C
LOAD LIFE SHIFT DUE TO POWER AND DERATING (AT +70 °C AND AT +125 °C)
The power rating for the CMF parts is tied to the derating temperature, the heat rise of the parts, and the
R for the load life performance.
When the tables/graphs below are used together they show that when the parts are run at their higher power ratings, the parts will run hotter,
which has the potential of causing the resistance of the parts to shift more over the life of the part.
LOAD LIFE SHIFT VS. POWER RATING
LOAD LIFE
MAXIMUM
R (TYPICAL TEST LOTS)
± 0.15 %
± 0.5 %
± 1.0 %
± 0.15 %
± 0.5 %
± 1.0 %
MODEL
POWER RATING AT +70 °C
POWER RATING AT +125 °C
CMF50
1/20 W and 1/10 W
1/8 W
1/4 W
1/20 W
1/10 W
1/8 W
CMF55, CMF07
1/10 W and 1/8 W
1/4 W
1/2 W
1/10 W
1/8 W
1/4 W
CMF60, CMF20
1/8 W and 1/4 W
1/2 W
3/4 W and 1 W
1/8 W
1/4 W
1/2 W
CMF65
1/4 W and 1/2 W
3/4 W
1 W
1/4 W
1/2 W
3/4 W
CMF70
1/4 W and 1/2 W
3/4 W
1 W
1/4 W
1/2 W
3/4 W
CMF resistors have an operating temperature range of -55 °C to +175 °C. They must be derated at high ambient temperatures according to
the derating curve.
Example:
When a CMF55 part is run at 1/8 W in a 70 °C ambient environment, the resistor will generate enough heat that the surface temperature of
the part will reach about 19 °C over the ambient temperature, and over the life of the part this could cause the resistance value to shift up to
± 0.15 %.
If the same resistor was instead run at 1/4 W in a 70 °C environment, the element will heat up to about 30 °C over ambient, and over the life
of the part the resistance value could shift roughly ± 0.5 %.
And if the resistor was run at it maximum power rating of 1/2 W in a 70 °C environment, it will heat up to about 58 °C over ambient, and you
could see the resistance value shift roughly ± 1 % over the life of the part.
MATERIAL SPECIFICATIONS
Element
Vacuum-deposited nickel-chrome alloy
Coating
Flame retardant epoxy, formulated for superior
moisture protection
Core
Fire-cleaned high purity ceramic
Solderability
Continuous satisfactory coverage when tested
in accordance with MIL-R-10509
AMBIENT TEMPERATURE IN °C
DERATING
120
100
80
60
40
20
0
- 55 - 50 - 25
0
25
70 75 100
125
150 165 175
50
200
APPLIED POWER IN W
THERMAL RESISTANCE
120
100
80
60
40
20
0
0
0.125
0.25
0.375
0.5
0.75
0.875
1
1.125
0.625
CMF50
CMF55,
CMF07
CMF60,
CMF20
CMF65,
CMF70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com