Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF50 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CMF50
Description  Metal Film Resistors, Industrial, Precision
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF50 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CMF50 Datasheet HTML 1Page - Bourns Electronic Solutions CMF50 Datasheet HTML 2Page - Bourns Electronic Solutions CMF50 Datasheet HTML 3Page - Bourns Electronic Solutions CMF50 Datasheet HTML 4Page - Bourns Electronic Solutions CMF50 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMF Industrial
www.vishay.com
Vishay Dale
Revision: 09-Sep-13
4
Document Number: 31018
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIAL MODIFICATIONS
1. Terminals may be supplied in any commercial material with several type finishes.
2. Special pre-conditioning (power aging, temperature cycling, etc.) to customer specifications.
3. Non-helixed resistors can be supplied for critical high frequency applications.
4. Fusible, flameproof versions available.
Note
• CMF07 and CMF20 parts are marked with color bands, either per MIL-PRF-22684 (with a wide white band) or using commercial color bands.
CMFxx..70 and CMFxx..80 parts are marked using commercial color bands.
MARKING
Temperature coefficient: T00 = 200 ppm, T0 = 150 ppm, T1 = 100 ppm, T2 = 50 ppm, T9 = 25 ppm
CMF50: (3 lines)
CMF55, CMF60, CMF65, CMF70: (4 lines)
3.01
Value
CMF55
Style and size
K 1 %
Ohm, K or M sign and Tolerance
49.9 k
Value
1208
4-digit date code
1 % T2
Tolerance and TC
1208
4-digit date code
PERFORMANCE
TEST
(TEST METHODS - MIL-STD-202)
AT +70 °C
AT +125 °C
MAXIMUM
R (TYPICAL TEST LOTS)
Short Time Overload
± 0.05 %
± 0.05 %
Low Temperature Operation
± 0.05 %
± 0.05 %
Moisture Resistance
± 0.05 %
± 0.05 %
Shock
± 0.01 %
± 0.01 %
Vibration
± 0.04 %
± 0.04 %
Temperature Cycling
± 0.15 %
± 0.15 %
Load Life
Varies based on power rating used; see load life shift due to power and derating table
Dielectric Withstanding Voltage
± 0.01 %
± 0.01 %
Effect of Solder
± 0.03 %
± 0.03 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com