Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS56 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BAS56
Description  DUAL HIGH CURRENT SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BAS56 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BAS56 Datasheet HTML 1Page - Central Semiconductor Corp BAS56 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
SOT-143 CASE
BAS56
DUAL HIGH CURRENT
SWITCHING DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BAS56
type is an ultra-high speed silicon switching
diode manufactured by the epitaxial planar
process, in an epoxy molded surface mount
package with isolated dual diodes, designed
for high current, high speed switching
applications.
Marking code is L51.
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
60
V
Peak Repetitive Reverse Voltage
VRRM
60
V
Continuous Forward Current
IF
200
mA
Peak Repetitive Forward Current
IFRM
600
mA
Forward Surge Current, tp=1
µsec.
IFSM
4000
mA
Forward Surge Current, tp=1 sec.
IFSM
1000
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=60V
100
nA
IR
VR=60V, TA=150
oC
100
µA
IR
VR=75V
10
µA
VF
IF=10mA
0.75
V
VF
IF=200mA
1.00
V
VF
IF=500mA
1.25
V
CT
VR=0, f=1 MHz
2.5
pF
trr
IF=IR=400mA, RL=100Ω, Rec. to 40mA
6.0
ns
Qs
IF=10mA, VR=5.0V, RL=500Ω
50
pC
VFR
IF=400mA, tr=30ns
1.2
V
VFR
IF=400mA, tr=100ns
1.5
V


Similar Part No. - BAS56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS56 PHILIPS-BAS56 Datasheet
38Kb / 8P
High-speed double diode
1996 Sep 10
logo
Guangdong Kexin Industr...
BAS56 KEXIN-BAS56 Datasheet
40Kb / 2P
High-Speed Double Diode
logo
NXP Semiconductors
BAS56 NXP-BAS56 Datasheet
136Kb / 10P
High-speed double diode
1996 Sep 10
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
Nexperia B.V. All right...
BAS56 NEXPERIA-BAS56 Datasheet
862Kb / 12P
High-speed double diode
Rev. 3 - 29 June 2010
More results

Similar Description - BAS56

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD1001 CENTRAL-CMPD1001 Datasheet
79Kb / 2P
HIGH CURRENT SWITCHING DIODE
CMPD4150 CENTRAL-CMPD4150 Datasheet
77Kb / 2P
high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
Switching Diode High Current Switching Diode Chip
logo
Diodes Incorporated
BAW101V DIODES-BAW101V Datasheet
100Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32178 Rev. 4 - 2
logo
Central Semiconductor C...
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
Switching Diode High Current Switching Diode Chip
logo
Diodes Incorporated
MMBD5004S DIODES-MMBD5004S Datasheet
89Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
logo
Central Semiconductor C...
CPD93V CENTRAL-CPD93V Datasheet
407Kb / 2P
High Current Switching Diode Chip
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
Dual high-speed switching diode
Rev. 6-23 July 2012
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com