Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBAS17 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBAS17
Description  LOW VOLTAGE STABISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBAS17 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBAS17 Datasheet HTML 1Page - Central Semiconductor Corp CBAS17 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
64
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
MAXIMUM RATINGS (TA=25
oC)
SYMBOL
UNITS
Peak Repetitive Forward Current
IFRM
250
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
oC
Thermal Resistance
ΘJA
357
oC/W
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VF
IF=0.1mA
.580
.665
.680
V
VF
IF=1.0mA
.665
.745
.760
V
VF
IF=5.0mA
.725
.805
.820
V
VF
IF=10mA
.750
.825
.840
V
VF
IF=100mA
.870
.920
.960
V
IR
VR=4.0V
5.0
µA
CT
VR=0, f=1 MHz
140
pF
SOT-23 CASE
CBAS17
LOW VOLTAGE STABISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CBAS17
type is a planar epitaxial silicon switching
diode, designed for low voltage stabilizing
applications.
Marking code is A91.


Similar Part No. - CBAS17

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBAS17 CENTRAL-CBAS17_09 Datasheet
391Kb / 2P
SURFACE MOUNT LOW VOLTAGE SILICON STABISTOR
More results

Similar Description - CBAS17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA314 PHILIPS-BA314 Datasheet
28Kb / 5P
Low-voltage stabistor
1996 Mar 21
BA315 PHILIPS-BA315 Datasheet
28Kb / 5P
Low-voltage stabistor
1996 Mar 21
BAS17 PHILIPS-BAS17 Datasheet
42Kb / 8P
Low-voltage stabistor
1999 May 31
logo
Central Semiconductor C...
CMXSTB200 CENTRAL-CMXSTB200 Datasheet
95Kb / 2P
SURFACE MOUNT FORWARD REFERENCE DIODE (STABISTOR)
CBAS17 CENTRAL-CBAS17_09 Datasheet
391Kb / 2P
SURFACE MOUNT LOW VOLTAGE SILICON STABISTOR
CMXSTB200 CENTRAL-CMXSTB200_10 Datasheet
376Kb / 2P
SURFACE MOUNT SILICON FORWARD REFERENCE DIODE (STABISTOR)
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
Low voltage
logo
Nanjing International G...
BCX54 DGNJDZ-BCX54 Datasheet
588Kb / 3P
Low Voltage
logo
Nexperia B.V. All right...
BAS17 NEXPERIA-BAS17 Datasheet
273Kb / 8P
Low-voltage stabistor
2003 Mar 25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com