Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA314 Datasheet (PDF) - NXP Semiconductors

BA314 Datasheet PDF - NXP Semiconductors
Part # BA314
Download  BA314 Download
File Size   28.0 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage stabistor

BA314 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA314 Datasheet PDF - NXP Semiconductors

Part # BA314
Download  BA314 Click to download

File Size   28.0 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage stabistor

BA314 Datasheet (HTML) - NXP Semiconductors


BA314 Product details

DESCRIPTION

Low-voltage stabilization diode in a hermetically-sealed SOD27 (DO-35) glass package.



FEATURES

• Low-voltage stabilization

• Forward voltage range: 610 mV to 940 mV

• Total power dissipation: max. 400 mW.



APPLICATIONS

• Low-voltage stabilization e.g.

– Bias stabilizer in class-B output

stages

– Clipping

– Clamping

Meter protection




Similar Part No. - BA314

ManufacturerPart #DatasheetDescription
logo
Rohm
BA311 ROHM-BA311 Datasheet
121Kb / 3P
Monolithic IGs
BA3112 ROHM-BA3112 Datasheet
121Kb / 3P
Monolithic IGs
BA3113 ROHM-BA3113 Datasheet
121Kb / 3P
Monolithic IGs
BA3114 ROHM-BA3114 Datasheet
121Kb / 3P
Monolithic IGs
BA3116 ROHM-BA3116 Datasheet
121Kb / 3P
Monolithic IGs
More results


Similar Description - BA314

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA315 PHILIPS-BA315 Datasheet
28Kb / 5P
Low-voltage stabistor
1996 Mar 21
BAS17 PHILIPS-BAS17 Datasheet
42Kb / 8P
Low-voltage stabistor
1999 May 31
logo
Central Semiconductor C...
CBAS17 CENTRAL-CBAS17 Datasheet
75Kb / 2P
LOW VOLTAGE STABISTOR
CMXSTB200 CENTRAL-CMXSTB200 Datasheet
95Kb / 2P
SURFACE MOUNT FORWARD REFERENCE DIODE (STABISTOR)
CBAS17 CENTRAL-CBAS17_09 Datasheet
391Kb / 2P
SURFACE MOUNT LOW VOLTAGE SILICON STABISTOR
CMXSTB200 CENTRAL-CMXSTB200_10 Datasheet
376Kb / 2P
SURFACE MOUNT SILICON FORWARD REFERENCE DIODE (STABISTOR)
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
MAKO SEMICONDUCTOR CO.,...
2SC2883 MAKOSEMI-2SC2883 Datasheet
117Kb / 2P
Low voltage
logo
Nanjing International G...
BCX54 DGNJDZ-BCX54 Datasheet
588Kb / 3P
Low Voltage
logo
Nexperia B.V. All right...
BAS17 NEXPERIA-BAS17 Datasheet
273Kb / 8P
Low-voltage stabistor
2003 Mar 25
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com