Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA314 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BA314
Description  Low-voltage stabistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA314 Datasheet(HTML) 3 Page - NXP Semiconductors

  BA314 Datasheet HTML 1Page - NXP Semiconductors BA314 Datasheet HTML 2Page - NXP Semiconductors BA314 Datasheet HTML 3Page - NXP Semiconductors BA314 Datasheet HTML 4Page - NXP Semiconductors BA314 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Mar 21
3
Philips Semiconductors
Product specification
Low-voltage stabistor
BA314
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.2
IF = 0.1 mA
610
−
690
mV
IF = 1 mA
680
−
760
mV
IF = 5 mA
730
−
810
mV
IF = 10 mA
750
−
830
mV
IF = 100 mA
850
−
940
mV
IR
reverse current
VR =4V
−−
5
µA
rdif
differential resistance
IF = 1 mA; f = 1 kHz
−
30
−Ω
IF = 10 mA; f = 1 kHz
−
3.5
6
Ω
SF
temperature coefficient
IF =1mA
−−1.8
−
mV/K
Cd
diode capacitance
VR =0V; f=1MHz
−−
140
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
8 mm from the body
300
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm
380
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com