Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA314 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA314
Description  Low-voltage stabistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA314 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA314 Datasheet HTML 1Page - NXP Semiconductors BA314 Datasheet HTML 2Page - NXP Semiconductors BA314 Datasheet HTML 3Page - NXP Semiconductors BA314 Datasheet HTML 4Page - NXP Semiconductors BA314 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Mar 21
2
Philips Semiconductors
Product specification
Low-voltage stabistor
BA314
FEATURES
• Low-voltage stabilization
• Forward voltage range:
610 mV to 940 mV
• Total power dissipation:
max. 400 mW.
APPLICATIONS
• Low-voltage stabilization e.g.
– Bias stabilizer in class-B output
stages
– Clipping
– Clamping
– Meter protection.
DESCRIPTION
Low-voltage stabilization diode in a hermetically-sealed SOD27 (DO-35) glass
package.
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
Diodes are type branded.
handbook, halfpage
MAM246
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
5V
IF
continuous forward current
−
200
mA
Ptot
total power dissipation
Tamb =25 °C
−
400
mW
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−
200
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com