Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3372EEKAT Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3372EEKAT Datasheet HTML 9Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 10Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 11Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 12Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 13Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 14Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 15Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 16Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
13
Maxim Integrated
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
Ω
RD 1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE-
UNDER-
TEST
Figure 3a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 3b. Human Body Current Waveform
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures are
incorporated on all pins to protect against electrostatic
discharges encountered during handling and assembly.
The I/O VCC lines have extra protection against static
electricity. Maxim’s engineers have developed state-of-
the-art structures to protect these pins against ESD of
±15kV without damage. The ESD structures withstand
high ESD in all states: normal operation, three-state
output mode, and powered down. After an ESD event,
Maxim’s E versions keep working without latchup,
whereas competing products can latch and must be
powered down to remove latchup.
ESD protection can be tested in various ways. The I/O
VCC lines of this product family are characterized for
protection to the following limits:
1) ±15kV using the Human Body Model
2) ±8kV using the Contact Discharge method specified
in IEC 1000-4-2
3) ±10kV using IEC 1000-4-2’s Air-Gap Discharge
method
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 3a shows the Human Body Model and Figure 3b
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
IEC 1000-4-2
The IEC 1000-4-2 standard covers ESD testing and
performance of finished equipment; it does not specifi-
cally refer to integrated circuits. The MAX3372E–
MAX3379E and MAX3390E–MAX3393E help to design
equipment that meets Level 3 of IEC 1000-4-2, without
the need for additional ESD-protection components.
The major difference between tests done using the
Human Body Model and IEC 1000-4-2 is higher peak
current in IEC 1000-4-2, because series resistance is
lower in the IEC 1000-4-2 model. Hence, the ESD with-
stand voltage measured to IEC 1000-4-2 is generally
lower than that measured using the Human Body Model.
Figure 4a shows the IEC 1000-4-2 model, and Figure 4b
shows the current waveform for the ±8kV, IEC 1000-4-2,
Level 4, ESD contact-discharge test.
The air-gap test involves approaching the device with a
charged probe. The contact-discharge method con-
nects the probe to the device before the probe
is energized.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to emulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. Of course, all pins require this protec-
tion during manufacturing, not just inputs and outputs.
Therefore, after PCB assembly, the Machine Model is
less relevant to I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com