Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3372EEKAT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3372EEKAT Datasheet HTML 1Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 2Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 3Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 4Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 5Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 6Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 7Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 8Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, I/O VL_ and I/O VCC_ unconnected, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
I/O VCC_......................................................-0.3V to (VCC + 0.3V)
I/O VL_ ...........................................................-0.3V to (VL + 0.3V)
THREE-STATE...............................................-0.3V to (VL + 0.3V)
Short-Circuit Duration I/O VL, I/O VCC to GND...........Continuous
Short-Circuit Duration I/O VL or I/O VCC to GND
Driven from 40mA Source
(except MAX3372E and MAX3377E) .....................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 5.6mW/°C above +70°C)........444.4mW
8-Pin TDFN (derate 18.5mW/°C above +70°C) ........1482mW
3 x 3 UCSP (derate 4.7mW/°C above +70°C) ............379mW
3 x 4 UCSP (derate 6.5mW/°C above +70°C) ............520mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ........727mW
14-Pin TDFN (derate 18.5mW/°C above +70°C) ......1482mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
1.2
5.5
V
VCC Supply Range
VCC
1.65
5.50
V
Supply Current from VCC
IQVCC
130
300
µA
Supply Current from VL
IQVL
16
100
µA
VCC Three-State Output Mode
Supply Current
ITHREE-STATE-VCC
TA = +25
°C, THREE-STATE = GND
0.03
1
µA
VL Three-State Output Mode
Supply Current
ITHREE-STATE-VL
TA = +25
°C, THREE-STATE = GND
0.03
1
µA
Three-State Output Mode
Leakage Current
I/O VL_ and I/O VCC_
ITHREE-STATE-LKG
TA = +25
°C, THREE-STATE = GND
0.02
1
µA
THREE-STATE Pin Input LeakageTA = +25
°C
0.02
1
µA
ESD PROTECTION
IEC 1000-4-2 Air-Gap Discharge
±8
IEC 1000-4-2 Contact Discharge
±8
I/O VCC (Note 3)
Human Body Model
±15
kV
LOGIC-LEVEL THRESHOLDS (MAX3372E/MAX3377E)
I/O VL_ Input-Voltage High
VIHL
VL - 0.2
V
I/O VL_ Input-Voltage Low
VILL
0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com