Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6571AD Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6571AD
Description  High voltage half bridge driver with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6571AD Datasheet(HTML) 3 Page - STMicroelectronics

  L6571AD Datasheet HTML 1Page - STMicroelectronics L6571AD Datasheet HTML 2Page - STMicroelectronics L6571AD Datasheet HTML 3Page - STMicroelectronics L6571AD Datasheet HTML 4Page - STMicroelectronics L6571AD Datasheet HTML 5Page - STMicroelectronics L6571AD Datasheet HTML 6Page - STMicroelectronics L6571AD Datasheet HTML 7Page - STMicroelectronics L6571AD Datasheet HTML 8Page - STMicroelectronics L6571AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
L6571A - L6571B
Maximum ratings
Doc ID 4946 Rev 6
3/12
1
Maximum ratings
1.1
Absolute maximum ratings
Note:
ESD immunity for pins 6, 7 and 8 is guaranteed up to 900 V (human body model)
1.2
Thermal data
1.3
Recommended operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IS
(1)
1.
The device has an internal zener clamp between GND and VS (typical 15.6 V).Therefore the circuit should
not be driven by a DC low impedance power source.
Supply current
25
mA
VCF
Oscillator resistor voltage
18
V
VLVG
Low side switch gate output
14.6
V
VOUT
High side switch source output
-1 to VBOOT -18
V
VHVG
High side switch gate output
-1 to VBOOT
V
VBOOT
Floating supply voltage
618
V
VBOOT/OUT
Floating supply vs OUT voltage
18
V
dVBOOT/dt
VBOOT slew rate (Repetitive)
± 50
V/ns
dVOUT/dt
VOUT slew rate (Repetitive)
± 50
V/ns
Tstg
Storage temperature
-40 to 150
°C
TJ
Junction temperature
-40 to 150
°C
Tamb
Ambient temperature (Operative)
-40 to 125
°C
Table 2.
Thermal data
Symbol
Parameter
MDIP8
SO8
Unit
RthJA
Thermal resistance junction-ambient max
100
150
°C/W
Table 3.
Recommended operating conditions
Symbol
Parameter
Min.
Max.
Unit
VS
Supply voltage
10
VCL
V
VBOOT
Floating supply voltage
-
500
V
VOUT
High side switch source output
-1
VBOOT
-VCL
V
fout
Oscillation frequency
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com