Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6571AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6571AD
Description  High voltage half bridge driver with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6571AD Datasheet(HTML) 5 Page - STMicroelectronics

  L6571AD Datasheet HTML 1Page - STMicroelectronics L6571AD Datasheet HTML 2Page - STMicroelectronics L6571AD Datasheet HTML 3Page - STMicroelectronics L6571AD Datasheet HTML 4Page - STMicroelectronics L6571AD Datasheet HTML 5Page - STMicroelectronics L6571AD Datasheet HTML 6Page - STMicroelectronics L6571AD Datasheet HTML 7Page - STMicroelectronics L6571AD Datasheet HTML 8Page - STMicroelectronics L6571AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
L6571A - L6571B
Electrical data
Doc ID 4946 Rev 6
5/12
3
Electrical data
VS = 12V; VBOOT - VOUT = 12V; Tj = 25 °C; unless otherwise specified.
Table 5.
Electrical characteristcs
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSUVP
1
VS turn on threshold
8.3
9
9.7
V
VSUVN
VS turn off threshold
7.3
8
8.7
V
VSUVH
VS hysteresis
0.7
1
1.3
V
VCL
VS clamping voltage
IS = 5 mA
14.6
15.6
16.6
V
ISU
Start up current
VS < VSUVN
150
250
μA
Iq
Quiescent current
VS > VSUVP
500
700
μA
IBOOTLK
8
Leakage current BOOT pin vs GND
VBOOT = 580V
5
μA
IOUTLK
6
Leakage current OUT pin vs GND
VOUT = 562V
5
μA
IHVG SO
7
High side driver source current
VHVG = 6V
110
175
mA
IHVG SI
High side driver sink current
VHVG = 6V
190
275
mA
ILVG SO
5
Low side driver source current
VLVG = 6V
110
175
mA
ILVG SI
Low side driver sink current
VLVG = 6V
190
275
mA
VRFON
2
RF high level output voltage
IRF =1mA
VS -0.05
VS -0.2
V
VRF OFF
RF low level output voltage
IRF = -1mA
50
200
mV
VCFU
3
CF upper threshold
7.7
8
8.2
V
VCFL
CF lower threshold
3.80
4
4.3
V
td
Internal dead time
L6571A
L6571B
0.85
0.50
1.25
0.72
1.65
0.94
μs
μs
DC
Duty cycle, ratio between dead
Time + conduction time of high
Side and low side drivers
0.45
0.5
0.55
IAVE
1
Average current from Vs
No Load, fs = 60KHz
1.2
1.5
mA
fout
6
Oscillation frequency
RT = 12K; CT = 1nF
57
60
63
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com