Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL4113 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4113
Description  LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4113 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4113 Datasheet HTML 1Page - Central Semiconductor Corp CLL4113 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4099
Series types are high quality Silicon Zener Diodes
designed for low leakage, low current and low
noise applications.
Marking code: Cathode Band
MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA=25°C)
PD
500
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.0V MAX @ IF=200mA FOR ALL TYPES)
CLL4099
THRU
CLL4125
LOW NOISE ZENER DIODE
6.8 VOLTS THRU 47 VOLTS
500mW, 5% TOLERANCE
SOD-80
SOD-80 CASE
Central
Semiconductor Corp.
TM
TYPE NO.
MAXIMUM
MAX REVERSE
MAXIMUM MAXIMUM
ZENER
TEST
ZENER
LEAKAGE
ZENER
NOISE
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
CURRENT
DENSITY
VZ @ IZT
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ IZT
MIN
NOM
MAX
V
V
V
µA
Ω
Ω
µµA
V
mA
µV/
Hz
CLL4099*
6.460
6.8
7.140
250
200
10
5.2
35.0
40
CLL4100*
7.125
7.5
7.865
250
200
10
5.7
31.8
40
CLL4101*
7.790
8.2
8.610
250
200
1.0
6.3
29.0
40
CLL4102*
8.265
8.7
9.135
250
200
1.0
6.7
27.4
40
CLL4103*
8.645
9.1
9.555
250
200
1.0
7.0
26.2
40
CLL4104*
9.500
10
10.50
250
200
1.0
7.6
24.8
40
CLL4105*
10.45
11
11.55
250
200
0.05
8.5
21.6
40
CLL4106*
11.40
12
12.60
250
200
0.05
9.2
20.4
40
CLL4107*
12.35
13
13.65
250
200
0.05
9.9
19.0
40
CLL4108*
13.30
14
14.70
250
200
0.05
10.7
17.5
40
CLL4109*
14.25
15
15.75
250
100
0.05
11.4
16.3
40
CLL4110*
15.20
16
16.80
250
100
0.05
12.2
15.4
40
CLL4111*
16.15
17
17.85
250
100
0.05
13.0
14.5
40
CLL4112*
17.10
18
18.90
250
100
0.05
13.7
13.2
40
CLL4113*
18.05
19
19.95
250
150
0.05
14.5
12.5
40
CLL4114*
19.00
20
21.00
250
150
0.01
15.2
11.9
40
CLL4115*
20.90
22
23.10
250
150
0.01
16.8
10.8
40
* Available on special order only, please consult factory
R3 ( 21-August 2001)


Similar Part No. - CLL4113

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4110 CENTRAL-CLL4110 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4111 CENTRAL-CLL4111 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4112 CENTRAL-CLL4112 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4114 CENTRAL-CLL4114 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CLL4115 CENTRAL-CLL4115 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results

Similar Description - CLL4113

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMZ5342B CENTRAL-CMZ5342B Datasheet
149Kb / 2P
HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099_10 Datasheet
375Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com