Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLL4113 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL4113
Description  LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4113 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL4113 Datasheet HTML 1Page - Central Semiconductor Corp CLL4113 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CLL4099
THRU
CLL4125
LOW NOISE ZENER DIODE
6.8 VOLTS THRU 47 VOLTS
500mW, 5% TOLERANCE
* Available on special order only, please consult factory
SOD-80 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS:
(TA=25°C) VF=1.0V MAX @ IF=200mA FOR ALL TYPES)
MARKING CODE: CATHODE BAND
R3 ( 21-August 2001)
TYPE NO.
MAXIMUM
MAX REVERSE
MAXIMUM MAXIMUM
ZENER
TEST
ZENER
LEAKAGE
ZENER
NOISE
VOLTAGE
CURRENT IMPEDANCE
CURRENT
CURRENT DENSITY
VZ @ IZT
IZT
ZZT @ IZT
IR @ VR
IZM
ND @ IZT
MIN
NOM
MAX
V
V
V
µA
Ω
Ω
µµA
V
mA
µV/
Hz
CLL4116*
22.80
24
25.20
250
150
0.01
18.3
9.9
40
CLL4117*
23.75
25
26.25
250
150
0.01
19.0
9.5
40
CLL4118*
25.65
27
28.35
250
150
0.01
20.5
8.8
40
CLL4119*
26.60
28
29.40
250
200
0.01
21.3
8.5
40
CLL4120*
28.50
30
31.50
250
200
0.01
22.8
7.9
40
CLL4121*
31.35
33
34.65
250
200
0.01
25.1
7.2
40
CLL4122*
34.20
36
37.80
250
200
0.01
27.4
6.6
40
CLL4123*
37.05
39
40.95
250
200
0.01
29.7
6.1
40
CLL4124*
40.85
43
45.15
250
250
0.01
32.7
5.5
40
CLL4125*
44.65
47
49.35
250
250
0.01
35.8
5.1
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com