Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-LPC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EXPRESS-LPC
Description  COM Express짰 Compact Size Type 2 Module with Dual Core Intel짰 Atom??Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EXPRESS-LPC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EXPRESS-LPC Datasheet HTML 1Page - List of Unclassifed Manufacturers EXPRESS-LPC Datasheet HTML 2Page - List of Unclassifed Manufacturers EXPRESS-LPC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.adlinktech.com/Computer-on-Module
Specifications
Core System
CPU
N455: Single-core Intel® Atom™ processor 1.66 GHz at 6.5 W
D425: Single-core Intel® Atom™ processor 1.80 GHz at 10 W
D525: Dual-core Intel® Atom™ processor 1.80 GHz at 13 W
Memory
Dual SODIMM sockets support up to 4 GB of non-ECC
667/800 MHz DDR3 memory (N455 supports max. 2 GB)
Chipset
Intel® I/O Controller Hub 8 Mobile (ICH8-M)
L2 Cache
1 MB for D525, 512KB for N455 & D425
BIOS
AMIBIOS® 8 with CMOS backup in 16 Mbit SPI flash
supports SPI BIOS on carrier (COM.0 R2.0)
Hardware Monitor
Supply voltages and CPU temperature
Debug Interface
XDP SFF-26 extension for ICE debug
Embedded Features
Instant on with Intel Bootloader support, OEM BIOS settings,
Board Info & Statistics, ACPI 3.0, Smart Battery Management
support, Watchdog with programmable timer ranges
Expansion Busses
6 PCI Express x1: 0/1/2/3/4 are free, 5 is occupied by GbE;
0/1/2/3 x1 can be optionally configured as 1 PCIe x4
32-bit PCI: PCI rev. 2.3 at 33MHz, supporting 4 bus masters
LPC bus, SMBus (system), I2C (user)
Video
GPU Core
Integrated in CPU with Gen3.5+ GFX Core and render core
frequency at 200 MHz (N455) and 400 MHz (D425/D525)
Integrated Video
Intel® Dynamic Video Memory Technology 4.0 support
Feature Support
DirectX 9 compliant Pixel Shader v2.0
400 MHz render clock frequency
2 display ports: LVDS and RGB
Intel® Clear Video Technology
MPEG2 Hardware Acceleration, ProcAmp
VGA Interface
Analog RGB graphics, resolution up to 2048x1536@ 60 Hz
LVDS Interface
Single 18-bit channel, resolution up to 1366x768, 18bpp
Audio
Chipset
Integrated in Intel® I/O Controller Hub 8 Mobile (ICH8M)
Audio Codec
On carrier (ALC886)
Ethernet
Chipset
Intel® 82583V Gigabit Ethernet Controller
Interface
10/100/1000 Mbps Ethernet
I/O Interfaces
Chipset
Intel® I/O Controller Hub 8 Mobile (ICH8M)
USB
Supports up to eight ports USB 2.0
SATA
Three ports SATA 3 Gb/s
Super I/O
BIOS support for legacy free or legacy with two types of
Super I/O (Winbond W83627HG and W83627DHG)
TPM (optional)
Chipset
Infineon SLB9635TT1.2
Type
TPM 1.2
Power
Input Power
AT mode (12 V +/- 5%) and ATX mode (12 V and 5 Vsb +/- 5%)
Power States
Supports S0, S1, S3, S4, S5
Power Consumption
10 W (with N455 CPU and 2 GB memory typical)
Smart Battery Support Yes
Mechanical and Environmental
Form Factor
Compact size: 95 mm x 95 mm
Operating Temperature Standard: 0°C to +60°C
Storage Temperature
-20°C to +80°C
Humidity
90% at +60°C
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
Non-operating: 1.88 Grms, 5-500 Hz, each axis
Operating: 0.5 Grms, 5-500 Hz, each axis
Compatibility
COM Express® Type 2, COM.0 R2.0
Compact form factor 95 mm x 95 mm
Certification
CE, FCC
Operating Systems
Standard Support
Windows XPe/ Vista, Windows 7, Linux
Extended Support (BSP) Embedded XP / 2009 support package, Linux 2.6.x BSP,
VxWorks 6.x BSP, AIDI Library for Windows and Linux
COM Express® Compact Size Type 2 Module with
Dual Core Intel® Atom™ Processor
Express-LPC
Features
Single/Dual-core Intel® Atom™ Processor
with Mobile Intel® ICH8-M Chipset
Up to 4 GB DDR3 SDRAM at 800 MHz
Five free PCIe x1 lanes (optional PCIe x4)
VGA and LVDS support
SATA 3 Gb/s, Gigabit Ethernet, USB 2.0


Similar Part No. - EXPRESS-LPC

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-BASE ADLINK-EXPRESS-BASE Datasheet
326Kb / 1P
COM Express Type 2 Reference Carrier Board in ATX Form Factor
EXPRESS-BASE6 ADLINK-EXPRESS-BASE6 Datasheet
308Kb / 1P
COM Express Type 6 Reference Carrier Board in ATX Form Factor
logo
Sealevel Systems, Inc.
EXPRESS-BASE6 SEALEVEL-EXPRESS-BASE6 Datasheet
336Kb / 2P
COM Express Carrier Board, Type 6, ATX Form Factor
logo
Adlink Technology Inc.
EXPRESS-BASE7 ADLINK-EXPRESS-BASE7 Datasheet
234Kb / 2P
COM Express Type 7 Reference Carrier Board in ATX Form Factor
EXPRESS-BD7 ADLINK-EXPRESS-BD7 Datasheet
573Kb / 4P
Express Basic Size Type 7 Module with Intel Xeon D and Pentium D SoC
More results

Similar Description - EXPRESS-LPC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6765 ADVANTECH-SOM-6765 Datasheet
1Mb / 2P
Intel짰 Atom??Processor COM-Express Type 2 Compact Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
Intel짰 Core??Processor COM Express짰 Basic Module
SOM-6763-B1 ADVANTECH-SOM-6763-B1_15 Datasheet
672Kb / 2P
Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
SOM-7562-B1 ADVANTECH-SOM-7562-B1_15 Datasheet
557Kb / 2P
Intel짰 Atom??Processor N455 COM Express짰 Mini Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
Intel짰 Core??Processor COM Express짰 Basic Module
SOM-6763D-S8B1E ADVANTECH-SOM-6763D-S8B1E Datasheet
672Kb / 2P
Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-6763DZ2-S8B1E ADVANTECH-SOM-6763DZ2-S8B1E Datasheet
672Kb / 2P
Intel짰 Atom??Processor N455/D525 COM Express짰 Compact Module
SOM-7567 ADVANTECH-SOM-7567_V01 Datasheet
948Kb / 2P
Intel짰 Atom??Celeron짰 Processor COM Express짰 Mini Module
29-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com