Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-LPC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EXPRESS-LPC
Description  COM Express짰 Compact Size Type 2 Module with Dual Core Intel짰 Atom??Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EXPRESS-LPC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EXPRESS-LPC Datasheet HTML 1Page - List of Unclassifed Manufacturers EXPRESS-LPC Datasheet HTML 2Page - List of Unclassifed Manufacturers EXPRESS-LPC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Intel® Atom™
Processor
N455
D425
D525
GbE LAN
82583V
GPIO
PCA9535
BC
3x SATA (port 0~2)
Mobile
Intel® ICH8M
SODIMM 1
512MB ~ 2GB DDR3
5x PCIe x1
(port 0~4)
SMBus
VGA
18-bit LVDS
4x GPI
4x GP0
I2C
8x USB
SODIMM 2
512MB ~ 2GB DDR3
SPI
SPI BIOS
PATA IDE
PCIe x1
(port 5)
HDA Audio
LPC bus
PCI Bus
SPI
XDP
SFF-26
Functional Diagram
Ordering Information
Modules
Model Number
Description/Configuration
Express-LPC-D425
COM Express® Compact Size Type 2 Module with Intel®
Atom™ Single Core Processor D425 at 1.80 GHz
Express-LPC-D525
COM Express® Compact Size Type 2 Module with Intel®
Atom™ Dual Core Processor D525 at 1.80 GHz
Express-LPC-N455
COM Express® Compact Size Type 2 Module with Intel®
Atom™ Single Core Low Voltage Processor N455 at 1.66 GHz
Accessories
Model Number
Description/Configuration
Heat Spreader
HTS-LPC-B
Heatspreader for Express-LPC with threaded standoffs
Passive Heatsink
THS-LPC-B
Low profile heatsink for Express-LPC with threaded
standoffs
Active Heatsink
THSF-LPC-B
Heatsink with Fan for Express-LPC with threaded standoffs
Note: All specifications are subject to change without further notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com