Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L0805220LGSTR Datasheet(PDF) 2 Page - AVX Corporation

Part # L0805220LGSTR
Description  Accu-L짰 SMD High-Q RF Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

L0805220LGSTR Datasheet(HTML) 2 Page - AVX Corporation

  L0805220LGSTR Datasheet HTML 1Page - AVX Corporation L0805220LGSTR Datasheet HTML 2Page - AVX Corporation L0805220LGSTR Datasheet HTML 3Page - AVX Corporation L0805220LGSTR Datasheet HTML 4Page - AVX Corporation L0805220LGSTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
29
2
Accu-L
® 0603 and 0805
SMD High-Q RF Inductor
HOW TO ORDER
450 MHz
900 MHz
1900 MHz
2400 MHz
IDC max
Test Frequency
Test Frequency
Test Frequency
Test Frequency
SRF min
RDC max
(mA)
Inductance
Available
Q
L (nH)
Q
L (nH)
Q
L (nH)
Q
(MHz)
(Ω)
L (nH)
Inductance Tolerance
Typical
Typical
Typical
Typical
(1)
1.2
±0.1, ±0.2nH
49
1.2
70
1.2
134
1.2
170
10000
0.04
1000
1.5
±0.1, ±0.2nH
26
1.54
39
1.52
63
1.52
76
10000
0.06
1000
1.8
±0.1, ±0.2nH
20
1.74
30
1.73
50
1.72
59
10000
0.07
1000
2.2
±0.1, ±0.2nH
20
2.2
30
2.24
49
2.24
56
10000
0.08
1000
2.7
±0.1, ±0.2nH
21
2.7
30
2.75
48
2.79
54
9000
0.08
750
3.3
±0.1, ±0.2, ±0.5nH
24
3.33
35
3.39
56
3.47
64
8400
0.08
750
3.9
±0.1, ±0.2, ±0.5nH
25
3.9
57
4.06
60
4.21
69
6500
0.12
500
4.7
±0.1, ±0.2, ±0.5nH
23
4.68
32
4.92
46
5.2
49
5500
0.15
500
5.6
±0.2, ±0.5nH
26
5.65
36
5.94
54
6.23
60
5000
0.25
300
6.8
±0.2, ±0.5nH
23
6.9
33
7.3
47
8.1
39
4500
0.30
300
8.2
±0.2, ±0.5nH
23
8.4
31
10
35
12.1
31
3800
0.35
300
10.0
±2%, ±5%
28
10
39
11.8
47
14.1
41
3500
0.45
300
12.0
±2%, ±5%
28
13.2
38
14.1
30
17.2
20
3000
0.50
300
15.0
±2%, ±5%
28
16.2
38
25.9
30
49.8
15
2500
0.60
300
(1) IDC measured for 15°C rise at 25°C ambient temperature
(2) IDC measured for 70°C rise at 25°C ambient temperature
L, Q, SRF measured on HP 4291A, Boonton 34A and Wiltron 360
Vector Analyzer, RDC measured on Keithley 580 micro-ohmmeter.
ELECTRICAL SPECIFICATIONS TABLE FOR ACCU-L® 0603
450 MHz
900 MHz
1700 MHz
2400 MHz
IDC max
Test Frequency
Test Frequency Test Frequency Test Frequency
SRF min
RDC max
(mA)
Inductance
Available
Q
L (nH)
Q
L (nH)
Q
L (nH)
Q
(MHz)
(Ω)
ΔT = 15°C
ΔT = 70°C
L (nH)
Inductance Tolerance
Typical
Typical
Typical
Typical
(1)
(2)
1.2
±0.1nH, ±0.2nH, ±0.5nH
60
1.2
92
1.2
122
1.2
92
10000
0.05
1000
2000
1.5
±0.1nH, ±0.2nH, ±0.5nH
50
1.5
74
1.5
102
1.5
84
10000
0.05
1000
2000
1.8
±0.1nH, ±0.2nH, ±0.5nH
50
1.8
72
1.8
88
1.9
73
10000
0.06
1000
2000
2.2
±0.1nH, ±0.2nH, ±0.5nH
42
2.2
62
2.2
82
2.3
72
10000
0.07
1000
2000
2.7
±0.1nH, ±0.2nH, ±0.5nH
42
2.7
62
2.8
80
2.9
70
10000
0.08
1000
2000
3.3
±0.1nH, ±0.2nH, ±0.5nH
38
3.3
46
3.4
48
3.5
57
10000
0.11
750
1500
3.9
±0.1nH, ±0.2nH, ±0.5nH
27
3.9
36
4.0
38
4.1
42
10000
0.20
750
1500
4.7
±0.1nH, ±0.2nH, ±0.5nH
43
4.8
62
5.3
76
5.8
60
5500
0.10
750
1500
5.6
±0.5nH
50
5.7
68
6.3
73
7.6
62
4600
0.10
750
1500
6.8
±0.5nH
43
7.0
62
7.7
71
9.4
50
4500
0.11
750
1500
8.2
±0.5nH
43
8.5
56
10.0
55
15.2
32
3500
0.12
750
1500
10
±2%, ±5%
46
10.6
60
13.4
52
–
–
2500
0.13
750
1500
12
±2%, ±5%
40
12.9
50
17.3
40
–
–
2400
0.20
750
1500
15
±2%, ±5%
36
16.7
46
27
23
–
–
2200
0.20
750
1000
18
±2%, ±5%
30
21.9
27
–
–
–
–
1700
0.35
500
1000
22
±2%, ±5%
36
27.5
33
–
–
–
–
1400
0.40
500
1000
ELECTRICAL SPECIFICATIONS TABLE FOR ACCU-L® 0805
(1) IDC measured for 15°C rise at 25°C ambient temperature when soldered to FR-4 board.
Inductance and Q measured on Agilent 4291B / 4287 using the 16196A test fixture.
Engineering Kits Available
see pages 90-91
L
Product
Inductor
0805
Size
0603
0805
4R7
Inductance
Expressed in nH
(2 significant digits +
number of zeros)
for
values <10nH,
letter R denotes
decimal point.
Example:
22nH = 220
4.7nH = 4R7
D
Tolerance
for
L ≤ 4.7nH,
B = ±0.1nH
C = ±0.2nH
D = ±0.5nH
4.7nH<L<10nH,
C = ±0.2nH
D = ±0.5nH
L ≥ 10nH,
G = ±2%
J = ±5%
E
Specification
Code
E = Accu-L® 0805
technology
G = Accu-L® 0603
technology
S
Termination
Code
W = Nickel/
solder coated
(Sn 63, Pb 37)
**S = Nickel/
Lead Free
Solder coated
(Sn100)
TR
Packaging
Code
TR = Tape and Reel
(3,000/reel)
**RoHS compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com