Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L0805220LGSTR Datasheet(PDF) 4 Page - AVX Corporation

Part # L0805220LGSTR
Description  Accu-L짰 SMD High-Q RF Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

L0805220LGSTR Datasheet(HTML) 4 Page - AVX Corporation

  L0805220LGSTR Datasheet HTML 1Page - AVX Corporation L0805220LGSTR Datasheet HTML 2Page - AVX Corporation L0805220LGSTR Datasheet HTML 3Page - AVX Corporation L0805220LGSTR Datasheet HTML 4Page - AVX Corporation L0805220LGSTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
31
2
Accu-L
® 0603 and 0805
SMD High-Q RF Inductor
TEST
CONDITIONS
REQUIREMENT
Solderability
Components completely immersed in
Terminations to be well tinned.
a solder bath at 235 ± 5°C for 2 secs.
No visible damage.
Leach Resistance
Components completely immersed in
Dissolution of termination faces
a solder bath at 260 ±5°C for 60 secs.
≤ 15% of area.
Dissolution of termination edges
≤ 25% of length.
Storage
12 months minimum with components
Good solderability
stored in “as received” packaging.
Shear
Components mounted to a substrate.
No visible damage
A force of 5N applied normal to the
line joining the terminations and in
a line parallel to the substrate.
Rapid Change of
Components mounted to a substrate.
No visible damage
Temperature
5 cycles -55°C to +125°C.
Tested as shown in diagram
Bend Strength
No visible damage
Temperature
Component placed in
+0 to +125 ppm/°C
Coefficient of
environmental chamber
(typical)
Inductance
-55°C to +125°C.
(TCL)
T1 = 25°C
FINAL QUALITY INSPECTION
Finished parts are tested for electrical parameters and visual/
mechanical characteristics.
Parts are 100% tested for inductance at 450MHz. Parts are
100% tested for RDC. Each production lot is evaluated on a
sample basis for:
• Q at test frequency
• Static Humidity Resistance: 85°C, 85% RH, 160 hours
• Endurance: 125°C, IR, 4 hours
1mm
deflection
45mm
45mm
TCL =
• 10
6
L2-L1
L1 (T2-T1)
ENVIRONMENTAL CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com