Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLW138003003 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PLW138003003
Description  MAGIC LED PLW138003 Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLW138003003 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PLW138003003 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 8Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PLW138003 Series
| Advanced Product Information
Datasheet No 292483 Issue 5
Page 2 of 11
13/03/2014
Absolute Maximum Ratings
Tamb = +25oC unless otherwise stated
Parameter
Symbol
Minimum
Maximum
Unit
DC Forward Current
IF
-
10
mA
Peak Pulse Forward Current[1]
IFP
-
50
mA
Reverse Voltage
VR
-
5
V
Storage Temperature
Tstg
-40
+100
oC
Junction Temperature
Tj
-
+120
oC
[1] Pulse width ≤10ms, duty cycle ≤10%
Electro-optical Characteristics
Tamb = +25oC unless otherwise stated
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 5mA
2.75
2.90
3.50
V
Reverse Current
IR
VR = 5V
-
-
100
µA
Chromaticity
co-ordinates
x
IF = 5mA
-
0.282
-
y
-
0.260
-
Thermal Resistance
Rthj-sp
-
tbd
-
K/W
Half-Intensity Angle
2Θ1/2
IF = 5mA
-
130
-
deg
Recommended Operating Conditions
In typical applications, for optimum LED performance
Parameter
Symbol
Minimum
Maximum
Unit
Operating Ambient Temperature
Topr
-40
+85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com