Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLW138003003 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLW138003003
Description  MAGIC LED PLW138003 Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLW138003003 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLW138003003 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 8Page - List of Unclassifed Manufacturers PLW138003003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PLW138003 Series
| Advanced Product Information
Datasheet No 292483 Issue 5
Page 3 of 11
13/03/2014
Ordering Information
Order code
Colour range
Luminous intensity
range
Forward
voltage
PLW138003000
A, B & C
1L & 2L
V1 & V2
PLW138003001
A & B
1L & 2L
V1
PLW138003002
A & B
1L & 2L
V1 & V2
PLW138003003
A & C
1L & 2L
V1 & V2
Intensity Bin Groups
IF = 5mA, Tamb = +25oC, unless otherwise stated
Group
Luminous intensity [1] (mcd)
Min.
Max.
1L
100
150
2L
150
190
[1] Tolerance ±11%
Forward Voltage Bin Groups
IF = 5mA, Tamb = +25oC, unless otherwise stated
Group
VF [1] (V)
Min.
Max.
V1
2.75
3.30
V2
3.30
3.50
[1] Tolerance ±0.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com