Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4-7SB Datasheet(PDF) 12 Page - STMicroelectronics

Part # ACST4-7SB
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4-7SB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ACST4-7SB Datasheet HTML 5Page - STMicroelectronics ACST4-7SB Datasheet HTML 6Page - STMicroelectronics ACST4-7SB Datasheet HTML 7Page - STMicroelectronics ACST4-7SB Datasheet HTML 8Page - STMicroelectronics ACST4-7SB Datasheet HTML 9Page - STMicroelectronics ACST4-7SB Datasheet HTML 10Page - STMicroelectronics ACST4-7SB Datasheet HTML 11Page - STMicroelectronics ACST4-7SB Datasheet HTML 12Page - STMicroelectronics ACST4-7SB Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
ASCT4
12/13
Doc ID 8766 Rev 5
5
Ordering information
Table 8.
Ordering information
6
Revision history
Table 9.
Document revision history
Order code
Marking
Package
Weight
Base Qty
Delivery mode
ACST410-8B
ACST4108
DPAK
1.5 g
50
Tube
ACST410-8BTR
DPAK
1.5 g
1000
Tape and reel
ACST410-8FP
TO-220FPAB
2.4 g
50
Tube
ACST435-8B
ACST4358
DPAK
1.5 g
50
Tube
ACST435-8BTR
DPAK
1.5 g
1000
Tape and reel
ACST435-8FP
TO-220FPAB
2.4 g
50
Tube
Date
Revision
Changes
Jan-2003
3A
Previous update.
04-Jul-2007
4
Reformatted to current standard. Added package.
18-Dec-2009
5
VDRM/VRRM updated to 800 V. Order codes updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com