Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4-7SB Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST4-7SB
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4-7SB Datasheet(HTML) 3 Page - STMicroelectronics

  ACST4-7SB Datasheet HTML 1Page - STMicroelectronics ACST4-7SB Datasheet HTML 2Page - STMicroelectronics ACST4-7SB Datasheet HTML 3Page - STMicroelectronics ACST4-7SB Datasheet HTML 4Page - STMicroelectronics ACST4-7SB Datasheet HTML 5Page - STMicroelectronics ACST4-7SB Datasheet HTML 6Page - STMicroelectronics ACST4-7SB Datasheet HTML 7Page - STMicroelectronics ACST4-7SB Datasheet HTML 8Page - STMicroelectronics ACST4-7SB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ASCT4
Characteristics
Doc ID 8766 Rev 5
3/13
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
1.
For both polarities of OUT pin referenced to COM pin
IOUT = 5.6 A, tp = 500 µs
Tj = 25 °C
MAX.
1.7
V
VT0
(1)
Threshold voltage
Tj = 125 °C
MAX.
0.9
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
MAX.
110
m
Ω
IDRM
IRRM
VOUT = VDRM/ VRRM
Tj = 25 °C
MAX.
20
µA
Tj = 125 °C
MAX.
500
µA
Table 5.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
TO-220FPAB
60
°C/W
Junction to ambient (soldered on 0.5 cm2 copper pad)
DPAK
70
Rth(j-c)
Junction to case for full cycle sine wave conduction
TO-220FPAB
4.6
°C/W
DPAK
2.6
Figure 2.
Maximum power dissipation versus
on-state rms current
Figure 3.
On-state rms current versus case
temperature (full cycle)
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
180°
α = 180°
P(W)
IT(RMS)(A)
IT(RMS)(A)
0
1
2
3
4
5
0
25
50
75
100
125
α=180°
TO220FPAB
DPAK
TC (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com