Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTS2000 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # DTS2000
Description  Climatiseur interieur de 2000 BTUH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

DTS2000 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  DTS2000 Datasheet HTML 1Page - Hammond Manufacturing Ltd. DTS2000 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part No.
Ship Wt. lbs
DTS2000A 115LG
54
DTS2000A 230LG
54
Electrical Data
DTS2000A 115LG
DTS2000A 230LG
Rated Voltage
115 V 60 Hz
230 V 50/60 Hz
110 v 50 Hz
Range of Operation
103-127 V
207-253 V
Power Consumption
270 W
230 W
Running Amps
2.9 A
1.3 A
Starting Current
13.8 A
7.4 A
Line Cord
With Plug
Without Plug
Refrigeration Data
Rated Capacity
2000 BTU/H (580 Watts)
Type of Refrigerant
R134a
Regrigerant Charge
300 g
Adjustable Thermostat
Factory setting +95°F (+35°C)
Max. Ambient Air Temp.
+125°F (+52°C)
Min. Ambient Air Temp.
+46°F (+8°C)
Air Capacity (unrestricted)
Internal Circulation 230 CFM
External Circulation 230 CFM
Condensation Discharge
Condensate evaporator
Filter Mat
150 g/m²
Db Noise Level
<62 dB (A)
Unit Weight
51 lbs (23 kg)
Exterior Case
Galvanized sheet metal
Finish
RAL7035 light grey finish
NEMA Rating
Enclosures IP 54/NEMA 12
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com