Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652KP Datasheet(PDF) 14 Page - Analog Devices

Part # AD652KP
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652KP Datasheet(HTML) 14 Page - Analog Devices

Back Button AD652KP Datasheet HTML 10Page - Analog Devices AD652KP Datasheet HTML 11Page - Analog Devices AD652KP Datasheet HTML 12Page - Analog Devices AD652KP Datasheet HTML 13Page - Analog Devices AD652KP Datasheet HTML 14Page - Analog Devices AD652KP Datasheet HTML 15Page - Analog Devices AD652KP Datasheet HTML 16Page - Analog Devices AD652KP Datasheet HTML 17Page - Analog Devices AD652KP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD652
Rev. C | Page 14 of 28
SINGLE-SUPPLY OPERATION
In addition to the Digital Ground being connected to –VS, it is
also possible to connect Analog Ground to –VS of the AD652.
Thus, the device is truly operating from a single-supply voltage
that can range from 12 V to 36 V. This is shown in Figure 21 for
a positive voltage input, and in Figure 20 for a negative voltage
input.
In Figure 21, the comparator reference is used as a derived
ground; the input voltage is referred to this point as well as to
the op amp common mode (Pin 6 is tied to Pin 16). Since the
input signal source must drive 0.5 mA of full-scale signal
current into Pin 7, it must also draw the exact same current
from the input reference potential. This current is therefore
provided by the 5 V reference.
In single-supply operation, an external resistor, RPULLUP, is
necessary between the power supply, +VS, and the 5 V reference
output. This resistor should be selected such that a current of
approximately 500 µA flows during operation. For example,
with a power supply voltage of +15 V, a 20 kΩ resistor is selected
((15 V–5 V)/500 µA = 20 kΩ).
Figure 20 shows the negative voltage input configuration for
using the AD652 in single-supply mode. In this mode, the signal
source is driving the + input of the op amp, which requires only
20 nA (typical) compared to the 0.5 mA required in the positive
input voltage configuration. The voltage at Pin 6 may go as low
as 4 V above ground (−VS Pin 8). Since the input reference is 5.0
V above ground, this leaves a 1 V window for the input signal.
To drive the integrating capacitor with a 0.5 mA full-scale
current, it is necessary to provide an external 2 kΩ resistor. This
results in a 2 kΩ resistor and a 1 V input range. The external
2 kΩ resistor should be a low TC metal-film type for lowest
drift degradation.
+VS
1
2
3
4
–
+
5
6
7
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
2k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
RL
5V
CLOCK
ANALOG
GND
DIGITAL
GND
COS
CINT
SIGNAL
SOURCE
1V FULL SCALE
INPUT
REFERENCE
RPULLUP
Figure 20. Single-Supply Mode Negative Voltage Input
+VS
1
2
3
4
–
+
5
6
7
8
16
15
14
13
12
11
10
9
ONE
SHOT
AND
"D"
FLOP
QCK
D
Q
1mA
20k
Ω
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
5V
REFERENCE
RL
5V
CLOCK
ANALOG
GND
DIGITAL
GND
FREQ
OUT
COS
CINT
SIGNAL
SOURCE
ANALOG
GND
ISIGNAL
0.5mA
FULL SCALE
INPUT
REFERENCE
RPULLUP
ISIGNAL
Figure 21. Single-Supply Mode Positive Voltage Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com