Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD652KP Datasheet(PDF) 19 Page - Analog Devices

Part # AD652KP
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652KP Datasheet(HTML) 19 Page - Analog Devices

Back Button AD652KP Datasheet HTML 15Page - Analog Devices AD652KP Datasheet HTML 16Page - Analog Devices AD652KP Datasheet HTML 17Page - Analog Devices AD652KP Datasheet HTML 18Page - Analog Devices AD652KP Datasheet HTML 19Page - Analog Devices AD652KP Datasheet HTML 20Page - Analog Devices AD652KP Datasheet HTML 21Page - Analog Devices AD652KP Datasheet HTML 22Page - Analog Devices AD652KP Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD652
Rev. C | Page 19 of 28
–VS
VIN2
φ2
+VS
0.02
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
15pF
–VS
VIN3
φ3
+VS
0.02
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
15pF
–VS
VIN4
φ4
+VS
0.02
µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD652
SYNCHRONOUS
VOLTAGE-TO-
FREQUENCY
CONVERTER
15pF
MULTIPLEX
OUT
1
14
2
13
3
12
4
11
5
10
6
9
7
8
QQ
ONE SHOT
'121
φ1
150
Ω
1500pF
GND
NC
RINT
CEXT
REXT/CEXT
NC
NC
VCC
Q
A2
A1
NC
18pF
10k
Ω
2N2222
500
Ω
+5V
2k
Ω
50pF
+5V
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
φ4
7.4
µH
L = 41 TURNS
T50–7 CORE
MICROMETALS
C = 300pF
φ3
φ1
+5V
+5V
3.2768MHz
CRYSTAL
+5V
φ2
1k
Ω
TANK 1
TIM 9904A
TANK 2
XTAL 2
XTAL 4
FFQ
OSCIN
FFD
OSCOUT
φ4 TTL
φ2 TTL
φ3 TTL
φ1 TTL
φ3V
DD
φ4
φ1
φ2
GND 1
GND 2
VCC
Figure 26. SVFC Multiplexer
INPUT B
GND
75
Ω
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INPUTS A
FROM
ENCODER
MPX
INPUT
+5V
A OUTPUTS
ENABLE
B OUTPUTS
D OUTPUTS
C OUTPUTS
ENABLE
INPUTS D
INPUT C
500 FEET
BELDEN 9272
78
Ω SHIELDED PAIR
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INPUTS A
+5V
MPX OUTPUT
TO DECODER
AM26LS33
QUAD DIFFERENTIAL LINE RECEIVER
AM26LS31
QUAD HIGH SPEED DIFFERENTIAL LINE RECEIVER
OUTPUT A
OUTPUT C
ENABLE
INPUTS C
INPUTS B
INPUTS D
ENABLE
INPUT D
OUTPUT B
Figure 27. RS-422 Standard Data Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com