Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPD2004 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPD2004
Description  SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2004 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPD2004 Datasheet HTML 1Page - Central Semiconductor Corp CMPD2004 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
170
Central
Semiconductor Corp.
TM
 ^
SOT-23 CASE
DESCRIPTION
The CENTRAL SEMICONDUCTOR CMPD2003,
CMPD2003C, CMPD2003S, CMPD2004,
CMPD2004C, and CMPD2004S types are silicon
switching diodes manufactured by the epitaxial
planar process, designed for applications
requiring high voltage capability.
The following configurations are available:
CMPD2003
SINGLE
MARKING CODE: A82
CMPD2003C
DUAL, COMMON CATHODE
MARKING CODE: C3C
CMPD2003S
DUAL, IN SERIES
MARKING CODE: C3S
CMPD2004
SINGLE
MARKING CODE: D53
CMPD2004C
DUAL, COMMON CATHODE
MARKING CODE: DB7
CMPD2004S
DUAL, IN SERIES
MARKING CODE: DB6
MAXIMUM RATINGS (TA=25°C)
CMPD2003
CMPD2004
CMPD2003C
CMPD2004C
SYMBOL
CMPD2003S
CMPD2004S
UNITS
Continuous Reverse Voltage
VR
200
240
V
Peak RepetitiveReverse Voltage
VRRM
250
300
V
Peak Repetitive Reverse Current
IO
200
200
mA
Continuous Forward Current
IF
250
225
mA
Peak Repetitive Forward Current
IFRM
625
625
mA
Forward Surge Current, tp=1 ms
IFSM
4000
4000
mA
Forward Surge Current, tp=1 s
IFSM
1000
1000
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
QJA
357
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
CMPD2003
CMPD2004
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
BVR
IR=100mA
250
300
V
IR
VR=200V
100
-
nA
CMPD2003
CMPD2003C
CMPD2003S
CMPD2004
CMPD2004C
CMPD2004S
SURFACE MOUNT
HIGH VOLTAGE SWITCHING DIODE
É'”
É'”


Similar Part No. - CMPD2004

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2004 CENTRAL-CMPD2004 Datasheet
79Kb / 2P
HIGH VOLTAGE SWITCHING DIODE
CMPD2004 CENTRAL-CMPD2004 Datasheet
111Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2004 CENTRAL-CMPD2004 Datasheet
590Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2004 CENTRAL-CMPD2004 Datasheet
590Kb / 2P
HIGH VOLTAGE SILICON SWITCHING DIODE
CMPD2004A CENTRAL-CMPD2004A Datasheet
111Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
More results

Similar Description - CMPD2004

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
RLS245 WEITRON-RLS245 Datasheet
429Kb / 3P
Surface Mount High-Voltage Switching Diode
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com