Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPD2004 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPD2004
Description  SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPD2004 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPD2004 Datasheet HTML 1Page - Central Semiconductor Corp CMPD2004 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
171
IR
VR=200V, TA=150°C
100
-
mA
IR
VR=240V
-
100
nA
IR
VR=240V, TA=150°C
-
100
mA
VF
IF=100mA
1.0
1.0
V
VF
IF=200mA
1.25
-
V
CT
VR=0, f=1 MHz
5.0
5.0
pF
trr
IF=IR=30mA, Rec. TO 3.0mA, RL=100W
50
50
ns
CMPD2003
CMPD2004
CMPD2003C
CMPD2004C
CMPD2003S
CMPD2004S
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
 
 
 
0$;,080
 
120,1$/
 
0$;,080
 
 
 
 
 
 
 
120,1$/
 
 
All Dimensions in Inches (mm).
$
&
&$&
&&
$
$
$
1&
CMPD2003
CMPD2003C
CMPD2003S
CMPD2004
CMPD2004C
CMPD2004S
R3
TOP VIEW



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com