Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-TS101S Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-TS101S
Description  TigerSHARC Embedded Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS101S Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-TS101S Datasheet HTML 9Page - Analog Devices ADSP-TS101S Datasheet HTML 10Page - Analog Devices ADSP-TS101S Datasheet HTML 11Page - Analog Devices ADSP-TS101S Datasheet HTML 12Page - Analog Devices ADSP-TS101S Datasheet HTML 13Page - Analog Devices ADSP-TS101S Datasheet HTML 14Page - Analog Devices ADSP-TS101S Datasheet HTML 15Page - Analog Devices ADSP-TS101S Datasheet HTML 16Page - Analog Devices ADSP-TS101S Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ADSP-TS101S
Rev. C
|
Page 13 of 48
|
May 2009
Table 5. Pin Definitions—External Port Bus Controls
Signal
Type
Term
Description
ADDR31–0
1
I/O/T
nc
Address Bus. The DSP issues addresses for accessing memory and peripherals on these pins. In
a multiprocessor system, the bus master drives addresses for accessing internal memory or I/O
processor registers of other ADSP-TS101S processors. The DSP inputs addresses when a host or
another DSP accesses its internal memory or I/O processor registers.
DATA63–0
1
I/O/T
nc
External Data Bus. Data and instructions are received, and driven by the DSP, on these pins.
RD
2
I/O/T (pu
3)
nc
Memory Read. RD is asserted whenever the DSP reads from any slave in the system, excluding
SDRAM. When the DSP is a slave, RD is an input and indicates read transactions that access its
internal memory or universal registers. In a multiprocessor system, the bus master drives RD.
The RD pin changes concurrently with ADDR pins.
WRL2
I/O/T (pu3)nc
Write Low. WRL is asserted in two cases: When the ADSP-TS101S writes to an even address word
of external memory or to another external bus agent; and when the ADSP-TS101S writes to a
32-bit zone (host, memory, or DSP programmed to 32-bit bus). An external master (host or DSP)
asserts WRL for writing to a DSP’s low word of internal memory. In a multiprocessor system, the
bus master drives WRL. The WRL pin changes concurrently with ADDR pins. When the DSP is a
slave, WRL is an input and indicates write transactions that access its internal memory or
universal registers.
WRH2
I/O/T (pu3)nc
Write High. WRH is asserted when the ADSP-TS101S writes a long word (64 bits) or writes to an
odd address word of external memory or to another external bus agent on a 64-bit data bus.
An external master (host or another DSP) must assert WRH for writing to a DSP’s high word of
64-bit data bus. In a multiprocessing system, the bus master drives WRH. The WRH pin changes
concurrently with ADDR pins. When the DSP is a slave, WRH is an input and indicates write
transactions that access its internal memory or universal registers.
ACK
I/O/T
epu
Acknowledge. External slave devices can deassert ACK to add wait states to external memory
accesses. ACK is used by I/O devices, memory controllers, and other peripherals on the data
phase. The DSP can deassert ACK to add wait states to read accesses of its internal memory. The
ADSP-TS101S does not drive ACK during slave writes. Therefore, an external (approximately
10 k
) pull-up is required.
BMS2, 4
O/T
(pu/pd3)
au
Boot Memory Select. BMS is the chip select for boot EPROM or flash memory. During reset, the
DSP uses BMS as a strap pin (EBOOT) for EPROM boot mode. When the DSP is configured to
boot from EPROM, BMS is active during the boot sequence. Pull-down enabled during RESET
(asserted); pull-up enabled after RESET (deasserted). In a multiprocessor system, the DSP bus
master drives BMS. For details see Reset and Booting on Page 9 and the EBOOT signal
description in Table 16 on Page 19.
MS1–0
2
O/T (pu
3)nc
Memory Select. MS0 or MS1 is asserted whenever the DSP accesses memory banks 0 or 1,
respectively. MS1–0 are decoded memory address pins that change concurrently with ADDR
pins. When ADDR31:26 = 0b000010, MS0 is asserted. When ADDR31:26 = 0b000011, MS1 is
asserted. In multiprocessor systems, the master DSP drives MS1–0.
Type column symbols: A = asynchronous; G = ground; I = input; O = output; o/d = open drain output; P = power supply;
pd = internal pull-down approximately 100 k; pu = internal pull-up approximately 100 k; T = three-state
Term (for termination) column symbols: epd = external pull-down approximately 10 kto VSS; epu = external pull-up approximately 10 k
to VDD-IO, nc = not connected; au = always used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com