Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFPX-AD2 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AFPX-AD2
Description  4-axis pulse output in a compact body
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPX-AD2 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AFPX-AD2 Datasheet HTML 1Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 2Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 3Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 4Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 5Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 6Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 7Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 8Page - Panasonic Semiconductor AFPX-AD2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Programmable Controller
Introducing a New Transistor Output Model
Pulse Output
4-Axis Integrated Control
14-point type
30-point type
60-point type
Panasonic... the new name for
Matsushita Electric Works, Ltd.
FP-X Programmable Controller
ARCT1B273E ’06.8
New
ARCT1B273E 200608-6YT
Please contact ..........
Specifications are subject to change without notice.
Printed in Japan.
Automation Controls Business Unit
Head Office: 1048, Kadoma, Kadoma-shi, Osaka 571-8686, Japan
Telephone: +81-6-6908-1050
Facsimile: +81-6-6908-5781
http://www.nais-e.com/
All Rights Reserved © 2006 COPYRIGHT Matsushita Electric Works, Ltd.
Matsushita Electric Works, Ltd.
These materials are printed on ECF pulp.
These materials are printed with earth-friendly vegetable-based (soybean oil) ink.
2-Axis Linear
Interpolation
Simultaneously
in 2 Pairs!
Panasonic
Panasonic
Panasonic
LN
max.
min.
max.
min.
max.
min.
max.
min.
FP-X C60
V1
V3
COM
D
Y12
Y1
1D
PROG.
RUN
18
10
8
8
X
X1E
X1F
X11
X1C
X1D
X1B
X18
X19
X9
X8
XA
XB
XD
XC
X6
X4
X3
COM
X7
X0
X2
COM
X5
X1
Y11
C0
Y10
Y13
Y15
C2
Y1C
Y1A
Y14
C1
C4
C6
Y18
Y19
Y17
Y1B
Y1D
Y16
C3
X1A
X14
X10
COM
X17
X12
Y0
0V
COM
COM
X13
24V
C3
C0
C1
C2
Y3
Y5
Y4
Y2
Y6
Y7
Y9
Y8
C4
YA
YC
YB
C5
YD
NC
X16
XE
XF
X15
PROG.
RUN
ERR.
7
V2
17
V0
17
7
1F
Y
10
0
0
18
F
X9
X8
XA
XB
XD
XC
XE
XF
Y1
Y0
0V
24V
C3
C0
C1
C2
Y3
Y5
Y4
Y2
Y6
Y7
Y9
Y8
C4
YA
YC
YB
YD
X1
X5
COM
X2
X0
X7
COM
X3
N
X4
X6
RUN
PROG.
RUN
ERR.
L
V1
7
7
8
V0
D
0
Y
PROG.
X
FP-X C30
0
8F
PROG.
RUN
ERR.
FP-X C14
7
4
0
0
3
4
Y
X
3
V1
RUN
PROG.
V0
5
X6
X4
X3
LN
X7
X0
X2
COM
X5
X1
Y1
Y0
0V
24V
Y5
C0
C1
C2
C3
Y4
Y3
Y2
Panasonic
ERROR
I/F
POWER
AFPX-EFP0
2-M4
or
2-
5
±0.5
182
±0.5
92
±0.5
52
FP-X C60
FP-X C30
FP-X C14
GAFPX-C60 ∗∗
( 7 )
( 0.5 )
3.5
60
25
60
100
190
3.5
13.6
8.6
79
79
L
I FP-X Control Unit Dimensions (Unit: mm)
I FP-X Expansion FP0 Adapter Dimensions (Unit: mm)
GAFPX-C14 ∗∗ (The same dimensions apply to the expansion I/O unit AFPX-E16∗)
GAFPX-C30 ∗∗ (The same dimensions apply to the expansion I/O unit AFPX-E30∗∗)
Status display LED
Input/output display LED
Analog volume
Tool port connector
Mode selection switch
RUN/PROG.
Status display LED
Input/output display LED
Analog volume
USB connector
USB connector
Tool port connector
Tool port connector
DIN hook
Power connector 24 V DC
Expansion hook
Expansion connector
When the expansion
connector is
attached
Status
display LED
Mode selection switch
RUN/PROG.
Status display LED
Input/output display LED
Analog volume
Mode selection switch
RUN/PROG.
Cassette attachment area 1
Communication cassette
Application cassette
DIN hook
Application cassette
Communication cassette
Battery
Expansion unit connector
Cassette attachment area 1
Application cassette
Communication cassette
Battery
Cassette attachment area 2
Function cassette
Battery
Expansion unit connector
Cassette attachment area 1
Application cassette
Communication cassette
Battery
Cassette attachment area 2
Application cassette
Battery
Expansion connector part
Battery
Expansion unit connector
Dimensions when expansion cassettes
(function and communication) are installed
Mounting dimension diagram
Appearance when mounted
with a C14 control unit


Similar Part No. - AFPX-AD2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AFP-6123 AAEON-AFP-6123 Datasheet
284Kb / 2P
12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AFP-6123HTT-A1-1010 AAEON-AFP-6123HTT-A1-1010 Datasheet
284Kb / 2P
12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AFP-6152 AAEON-AFP-6152 Datasheet
288Kb / 2P
15??Stainless Fanless Touch Panel Computer With Intel Atom D525 Processor, 2G RAM
logo
Conquer Electronics Co....
AFP-A.500 CONQUER-AFP-A.500 Datasheet
234Kb / 1P
Fast-Acting Fuse
AFP-A.600 CONQUER-AFP-A.600 Datasheet
234Kb / 1P
Fast-Acting Fuse
More results

Similar Description - AFPX-AD2

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZX-3530J1 CPI-VZX-3530J1 Datasheet
154Kb / 2P
5.0 kW Compact Pulse Amplifier
VZS-3530J1 CPI-VZS-3530J1 Datasheet
154Kb / 2P
4.25 kW Compact Pulse Amplifier
VZC-3530J1 CPI-VZC-3530J1 Datasheet
154Kb / 2P
4.25 kW Compact Pulse Amplifier
logo
National Instruments Co...
PCI-7390 NI-PCI-7390 Datasheet
593Kb / 5P
4-Axis Position (Pulse) Command Motion Controller
logo
Omron Electronics LLC
ES2-THB OMRON-ES2-THB Datasheet
183Kb / 4P
in a Compact Body. Controller Set Provides Superior Humidity Control and Temperature/ Humidity Control.
logo
National Instruments Co...
NIFP-PWM-520 NI-NIFP-PWM-520 Datasheet
201Kb / 4P
Pulse-Width Modulation Output Module for Compact FieldPoint
logo
Panasonic Battery Group
GT03_E PANASONICBATTERY-GT03_E Datasheet
204Kb / 1P
Programmable Display for Harsh Environments in a Compact 3.5in Body
logo
Omron Electronics LLC
D6F-A3 OMRON-D6F-A3 Datasheet
256Kb / 2P
High-accuracy Sensing with a Thin, Compact Body.
logo
Adlink Technology Inc.
AMP-204C ADLINK-AMP-204C Datasheet
437Kb / 3P
DSP-based 4/8-axis Advanced Pulse-Train Motion Controllers
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
Standalone 6-axis pulse train motion controller
14-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com